Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPGDX80A-5T100 Datasheet(PDF) 6 Page - Lattice Semiconductor

Part # ISPGDX80A-5T100
Description  In-System Programmable Generic Digital CrosspointTM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPGDX80A-5T100 Datasheet(HTML) 6 Page - Lattice Semiconductor

Back Button ISPGDX80A-5T100 Datasheet HTML 2Page - Lattice Semiconductor ISPGDX80A-5T100 Datasheet HTML 3Page - Lattice Semiconductor ISPGDX80A-5T100 Datasheet HTML 4Page - Lattice Semiconductor ISPGDX80A-5T100 Datasheet HTML 5Page - Lattice Semiconductor ISPGDX80A-5T100 Datasheet HTML 6Page - Lattice Semiconductor ISPGDX80A-5T100 Datasheet HTML 7Page - Lattice Semiconductor ISPGDX80A-5T100 Datasheet HTML 8Page - Lattice Semiconductor ISPGDX80A-5T100 Datasheet HTML 9Page - Lattice Semiconductor ISPGDX80A-5T100 Datasheet HTML 10Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6
Specifications ispGDX Family
Supply Voltage
Commercial
TA = 0
°C to +70°C
Input Low Voltage
Input High Voltage
5.25
0.8
Vcc + 1
Absolute Maximum Ratings 1
Supply Voltage Vcc ................................. -0.5 to +7.0V
Input Voltage Applied ........................ -2.5 to VCC +1.0V
Off-State Output Voltage Applied ..... -2.5 to VCC +1.0V
Storage Temperature ................................ -65 to 150
°C
Case Temp. with Power Applied .............. -55 to 125
°C
Max. Junction Temp. (TJ) with Power Applied ... 150°C
1. Stresses above those listed under the “Absolute Maximum Ratings” may cause permanent damage to the device. Functional
operation of the device at these or at any other conditions above those indicated in the operational sections of this specification
is not implied (while programming, follow the programming specifications).
DC Recommended Operating Conditions
V
V
V
PARAMETER
SYMBOL
MIN.
MAX.
UNITS
4.75
0
2.0
VCC
VIL1
VIH1
1. Typical 100mV of input hysteresis.
C
SYMBOL
Table 2 - 0006
C
PARAMETER
Dedicated Clock Capacitance
10
UNITS
TYPICAL
TEST CONDITIONS
1
2
8
I/O Capacitance
pf
pf
V = 5.0V, V = 2.0V
V = 5.0V, V
= 2.0V
CC
CC
Y
I/O
Capacitance (T
A=25
oC, f=1.0 MHz)
PARAMETER
MINIMUM
MAXIMUM
UNITS
ispGDX Erase/Reprogram Cycles
10,000
Cycles
Erase/Reprogram Specifications


Similar Part No. - ISPGDX80A-5T100

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPGDX80A-5T100 LATTICE-ISPGDX80A-5T100 Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
More results

Similar Description - ISPGDX80A-5T100

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
240VA LATTICE-240VA Datasheet
324Kb / 25P
   In-System Programmable 3.3V Generic Digital CrosspointTM
80VA LATTICE-80VA Datasheet
346Kb / 27P
   In-System Programmable 3.3V Generic Digital CrosspointTM
160V LATTICE-160V Datasheet
464Kb / 37P
   In-System Programmable 3.3V Generic Digital CrosspointTM
ISPGDX LATTICE-ISPGDX Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
ISPGDS22 LATTICE-ISPGDS22 Datasheet
104Kb / 8P
   in-system programmable Generic Digital SwitchTM
logo
Sonardyne sound in dept...
7971 SONARDYNE-7971 Datasheet
115Kb / 2P
   Programmable Generic Transponder (PGT)
logo
Xilinx, Inc
DS066 XILINX-DS066 Datasheet
130Kb / 10P
   5V in-system programmable
logo
ATMEL Corporation
ATTINY44A ATMEL-ATTINY44A_14 Datasheet
3Mb / 60P
   Bytes In-System Programmable Flash
logo
Xilinx, Inc
XC18V00 XILINX-XC18V00_08 Datasheet
315Kb / 24P
   XC18V00 Series In-System-Programmable
XCF01S XILINX-XCF01S_07 Datasheet
751Kb / 46P
   Platform Flash In-System Programmable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com