Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MACH220-10 Datasheet(PDF) 27 Page - Lattice Semiconductor

Part # MACH220-10
Description  High-Density EE CMOS Programmable Logic
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

MACH220-10 Datasheet(HTML) 27 Page - Lattice Semiconductor

Back Button MACH220-10 Datasheet HTML 21Page - Lattice Semiconductor MACH220-10 Datasheet HTML 22Page - Lattice Semiconductor MACH220-10 Datasheet HTML 23Page - Lattice Semiconductor MACH220-10 Datasheet HTML 24Page - Lattice Semiconductor MACH220-10 Datasheet HTML 25Page - Lattice Semiconductor MACH220-10 Datasheet HTML 26Page - Lattice Semiconductor MACH220-10 Datasheet HTML 27Page - Lattice Semiconductor MACH220-10 Datasheet HTML 28Page - Lattice Semiconductor MACH220-10 Datasheet HTML 29Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
27
MACH220-10/12/15/20
POWER-UP RESET
The MACH devices have been designed with the capa-
bility to reset during system power-up. Following power-
up, all flip-flops will be reset to LOW. The output state
will depend on the logic polarity. This feature provides
extra flexibility to the designer and is especially valuable
in simplifying state machine initialization. A timing dia-
gram and parameter table are shown below. Due to the
synchronous operation of the power-up reset and the
wide range of ways VCC can rise to its steady state, two
conditions are required to insure a valid power-up reset.
These conditions are:
1. The VCC rise must be monotonic.
2. Following reset, the clock input must not be driven
from LOW to HIGH until all applicable input and
feedback setup times are met.
Parameter
Symbol
Parameter Descriptions
Max
Unit
tPR
Power-Up Reset Time
10
µs
tS
Input or Feedback Setup Time
tWL
Clock Width LOW
See
Switching
Characteristics
tPR
tWL
tS
4 V
VCC
Power
Registered
Output
Clock
14130I-25
Power-Up Reset Waveform


Similar Part No. - MACH220-10

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
MACH220-10JC AMD-MACH220-10JC Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
MACH220-10JI AMD-MACH220-10JI Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
More results

Similar Description - MACH220-10

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
MACH210A-7 AMD-MACH210A-7 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
logo
Lattice Semiconductor
MACH445-12 LATTICE-MACH445-12 Datasheet
214Kb / 28P
   High-Density EE CMOS Programmable Logic
MACH435-12 LATTICE-MACH435-12 Datasheet
254Kb / 30P
   High-Density EE CMOS Programmable Logic
MACH230-10 LATTICE-MACH230-10 Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
logo
Advanced Micro Devices
MACH211SP-7 AMD-MACH211SP-7 Datasheet
251Kb / 37P
   High-Density EE CMOS Programmable Logic
logo
Lattice Semiconductor
MACH110-12 LATTICE-MACH110-12 Datasheet
191Kb / 24P
   High-Density EE CMOS Programmable Logic
MACH130-15 LATTICE-MACH130-15 Datasheet
194Kb / 24P
   High-Density EE CMOS Programmable Logic
MACH215-12 LATTICE-MACH215-12 Datasheet
245Kb / 30P
   High-Density EE CMOS Programmable Logic
MACHLV210-12 LATTICE-MACHLV210-12 Datasheet
221Kb / 29P
   High Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com