Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPGDX160-7B272 Datasheet(PDF) 2 Page - Lattice Semiconductor

Part # ISPGDX160-7B272
Description  In-System Programmable Generic Digital CrosspointTM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPGDX160-7B272 Datasheet(HTML) 2 Page - Lattice Semiconductor

  ISPGDX160-7B272 Datasheet HTML 1Page - Lattice Semiconductor ISPGDX160-7B272 Datasheet HTML 2Page - Lattice Semiconductor ISPGDX160-7B272 Datasheet HTML 3Page - Lattice Semiconductor ISPGDX160-7B272 Datasheet HTML 4Page - Lattice Semiconductor ISPGDX160-7B272 Datasheet HTML 5Page - Lattice Semiconductor ISPGDX160-7B272 Datasheet HTML 6Page - Lattice Semiconductor ISPGDX160-7B272 Datasheet HTML 7Page - Lattice Semiconductor ISPGDX160-7B272 Datasheet HTML 8Page - Lattice Semiconductor ISPGDX160-7B272 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
Specifications ispGDX Family
Description (Continued)
ing Pool (GRP). All I/O pin inputs enter the GRP directly
or are registered or latched so they can be routed to the
required I/O outputs. I/O pin inputs are defined as four
sets (A,B,C,D) which have access to the four MUX inputs
found in each I/O cell. Each output has individual, pro-
grammable I/O tri-state control (OE), output latch clock
(CLK) and two multiplexer control (MUX0 and MUX1)
inputs. Polarity for these signals is programmable for
each I/O cell. The MUX0 and MUX1 inputs control a fast
4:1 MUX, allowing dynamic selection of up to four signal
sources for a given output. OE, CLK and MUX0 and
MUX1 inputs can be driven directly from selected sets of
I/O pins. Optional dedicated clock input pins give mini-
mum clock-to-output delays.
Through in-system programming, connections between
I/O pins and architectural features (latched or registered
inputs or outputs, output enable control, etc.) can be
defined. In keeping with its data path application focus,
the ispGDX devices contain no programmable logic
arrays. All input pins include Schmitt trigger buffers for
noise immunity. These connections are programmed
into the device using non-volatile E2CMOS technology.
Non-volatile technology means the device configuration
is saved even when the power is removed from the
device.
In addition, there are no pin-to-pin routing constraints for
1:1 or 1:n signal routing. That is,
any I/O pin configured
as an input can drive one or more I/O pins configured as
outputs.
The device pins also have the ability to set outputs to
fixed HIGH or LOW logic levels (Jumper or DIP Switch
mode). Device outputs are specified for 24mA sink and
source current and can be tied together in parallel for
greater drive. Programmable output slew rate can be
defined independently for each I/O pin to reduce overall
ground bounce and switching noise.
All I/O pins are equipped with IEEE1149.1-compliant
Boundary Scan Test circuitry for enhanced testability. In
addition, in-system programming is supported through
the Test Access Port via a special set of private com-
mands or through Lattice’s industry-standard ISP protocol.
The BSCAN/
ispEN pin is used to make this selection.
The ispGDX I/Os are designed to withstand “live inser-
tion” system environments. The I/O buffers are disabled
during power-up and power-down cycles. When design-
ing for “live insertion,” absolute maximum rating conditions
for the Vcc and I/O pins must still be met. For additional
information, an application note about using Lattice de-
vices in hot swap environments can be downloaded from
the Lattice web site at www.latticesemi.com.
Table 1. ispGDX Family Members
ispGDX DEVICE
ispGDX80A
ispGDX120A
ispGDX160/A
I/O Pins
80
120
160
I/O-OE Inputs*
20
30
40
I/O-Clk Inputs*
20
30
40
I/O-MUXsel1 Inputs*
20
30
40
I/O-MUXsel2 Inputs*
20
30
40
BSCAN / ISP Interface
4
4
4
RESET
11
1
Power/GND
12
25
33
Pin Count/Package
100-Pin TQFP
176-Pin TQFP/
160-Pin PQFP
208-Pin PQFP
272-Ball BGA
* The CLK, OE, MUX0 and MUX1 terminals on each I/O cell can each access 25% of the I/Os.
** MUXed with Y1.
TOE
1**
1
1
Dedicated Clock Pins
2
4
4
BSCAN /
ispEN
11
1


Similar Part No. - ISPGDX160-7B272

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPGDX160A-5B272 LATTICE-ISPGDX160A-5B272 Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
ISPGDX160A-5Q208 LATTICE-ISPGDX160A-5Q208 Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
ISPGDX160A-7B272 LATTICE-ISPGDX160A-7B272 Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
ISPGDX160A-7Q208 LATTICE-ISPGDX160A-7Q208 Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
ISPGDX160V-5B208 LATTICE-ISPGDX160V-5B208 Datasheet
464Kb / 37P
   In-System Programmable 3.3V Generic Digital CrosspointTM
More results

Similar Description - ISPGDX160-7B272

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
240VA LATTICE-240VA Datasheet
324Kb / 25P
   In-System Programmable 3.3V Generic Digital CrosspointTM
80VA LATTICE-80VA Datasheet
346Kb / 27P
   In-System Programmable 3.3V Generic Digital CrosspointTM
160V LATTICE-160V Datasheet
464Kb / 37P
   In-System Programmable 3.3V Generic Digital CrosspointTM
ISPGDX LATTICE-ISPGDX Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
ISPGDS22 LATTICE-ISPGDS22 Datasheet
104Kb / 8P
   in-system programmable Generic Digital SwitchTM
logo
Sonardyne sound in dept...
7971 SONARDYNE-7971 Datasheet
115Kb / 2P
   Programmable Generic Transponder (PGT)
logo
Xilinx, Inc
DS066 XILINX-DS066 Datasheet
130Kb / 10P
   5V in-system programmable
logo
ATMEL Corporation
ATTINY44A ATMEL-ATTINY44A_14 Datasheet
3Mb / 60P
   Bytes In-System Programmable Flash
logo
Xilinx, Inc
XC18V00 XILINX-XC18V00_08 Datasheet
315Kb / 24P
   XC18V00 Series In-System-Programmable
XCF01S XILINX-XCF01S_07 Datasheet
751Kb / 46P
   Platform Flash In-System Programmable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com