Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MACH130-15 Datasheet(PDF) 4 Page - Lattice Semiconductor

Part # MACH130-15
Description  High-Density EE CMOS Programmable Logic
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

MACH130-15 Datasheet(HTML) 4 Page - Lattice Semiconductor

  MACH130-15 Datasheet HTML 1Page - Lattice Semiconductor MACH130-15 Datasheet HTML 2Page - Lattice Semiconductor MACH130-15 Datasheet HTML 3Page - Lattice Semiconductor MACH130-15 Datasheet HTML 4Page - Lattice Semiconductor MACH130-15 Datasheet HTML 5Page - Lattice Semiconductor MACH130-15 Datasheet HTML 6Page - Lattice Semiconductor MACH130-15 Datasheet HTML 7Page - Lattice Semiconductor MACH130-15 Datasheet HTML 8Page - Lattice Semiconductor MACH130-15 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
MACH130-15/20 (Com’l)
ORDERING INFORMATION
Commercial Products
OPTIONAL PROCESSING
Blank = Standard Processing
Programmable logic products for commercial applications are available with several ordering options. The order number
(Valid Combination) is formed by a combination of:
OPERATING CONDITIONS
C = Commercial (0
°C to +70°C)
FAMILY TYPE
MACH = Macro Array CMOS High-Speed
SPEED
-15 = 15 ns tPD
-20 = 20 ns tPD
MACH130-15
MACH130-20
MACH
-15
J
C
Valid Combinations
The Valid Combinations table lists configurations
planned to be supported in volume for this device.
Consult your local sales office to confirm availability
of specific valid combinations and to check on newly
released combinations.
Valid Combinations
130
DEVICE NUMBER
130 = 64 Macrocells, 84 Pins
PACKAGE TYPE
J = 84-Pin Plastic Leaded
Chip Carrier (PL 084)
JC


Similar Part No. - MACH130-15

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
MACH131-10JC/1 LATTICE-MACH131-10JC/1 Datasheet
1Mb / 48P
   High-Performance EE CMOS Programmable Logic
MACH131-10JI/1 LATTICE-MACH131-10JI/1 Datasheet
1Mb / 48P
   High-Performance EE CMOS Programmable Logic
MACH131-12JC/1 LATTICE-MACH131-12JC/1 Datasheet
1Mb / 48P
   High-Performance EE CMOS Programmable Logic
MACH131-12JI/1 LATTICE-MACH131-12JI/1 Datasheet
1Mb / 48P
   High-Performance EE CMOS Programmable Logic
MACH131-14JI/1 LATTICE-MACH131-14JI/1 Datasheet
1Mb / 48P
   High-Performance EE CMOS Programmable Logic
More results

Similar Description - MACH130-15

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
MACH210A-7 AMD-MACH210A-7 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
logo
Lattice Semiconductor
MACH445-12 LATTICE-MACH445-12 Datasheet
214Kb / 28P
   High-Density EE CMOS Programmable Logic
MACH435-12 LATTICE-MACH435-12 Datasheet
254Kb / 30P
   High-Density EE CMOS Programmable Logic
MACH230-10 LATTICE-MACH230-10 Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
MACH220-10 LATTICE-MACH220-10 Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
logo
Advanced Micro Devices
MACH211SP-7 AMD-MACH211SP-7 Datasheet
251Kb / 37P
   High-Density EE CMOS Programmable Logic
logo
Lattice Semiconductor
MACH110-12 LATTICE-MACH110-12 Datasheet
191Kb / 24P
   High-Density EE CMOS Programmable Logic
MACH215-12 LATTICE-MACH215-12 Datasheet
245Kb / 30P
   High-Density EE CMOS Programmable Logic
MACHLV210-12 LATTICE-MACHLV210-12 Datasheet
221Kb / 29P
   High Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com