Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GAL16V8B-10LJI Datasheet(PDF) 13 Page - Lattice Semiconductor

Part # GAL16V8B-10LJI
Description  High Performance E2CMOS PLD Generic Array Logic
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL16V8B-10LJI Datasheet(HTML) 13 Page - Lattice Semiconductor

Back Button GAL16V8B-10LJI Datasheet HTML 9Page - Lattice Semiconductor GAL16V8B-10LJI Datasheet HTML 10Page - Lattice Semiconductor GAL16V8B-10LJI Datasheet HTML 11Page - Lattice Semiconductor GAL16V8B-10LJI Datasheet HTML 12Page - Lattice Semiconductor GAL16V8B-10LJI Datasheet HTML 13Page - Lattice Semiconductor GAL16V8B-10LJI Datasheet HTML 14Page - Lattice Semiconductor GAL16V8B-10LJI Datasheet HTML 15Page - Lattice Semiconductor GAL16V8B-10LJI Datasheet HTML 16Page - Lattice Semiconductor GAL16V8B-10LJI Datasheet HTML 17Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Specifications GAL16V8
1996 Data Book
3-77
Specifications GAL16V8B
AC SWITCHING CHARACTERISTICS
Over Recommended Operating Conditions
tpd
A
Input or I/O to
8 outputs switching
3
7.5
3
10
3
15
3
20
3
25
ns
Comb. Output
1 output switching
7
ns
tco
A
Clock to Output Delay
2
5
2
7
2
10
2
11
2
12
ns
tcf2
Clock to Feedback Delay
3
6
8
9
10
ns
tsu
Setup Time, Input or Fdbk before Clk
7
10
12
13
15
ns
th
Hold Time, Input or Fdbk after Clk
0
0
0—
0—
0
ns
A
Maximum Clock Frequency with
83.3
58.8
45.5
41.6
37
MHz
External Feedback, 1/(tsu + tco)
fmax3
A
Maximum Clock Frequency with
100
62.5
50
45.4
40
MHz
Internal Feedback, 1/(tsu + tcf)
A
Maximum Clock Frequency with
100
62.5
62.5
50
41.6
MHz
No Feedback
twh
Clock Pulse Duration, High
5
8
8
10
12
ns
twl
Clock Pulse Duration, Low
5
8
8
10
12
ns
ten
B
Input or I/O to Output Enabled
3
9
3
10
15
20
25
ns
B
OE to Output Enabled
2
6
2
10
15
18
20
ns
tdis
C
Input or I/O to Output Disabled
2
9
2
10
15
20
25
ns
C
OE to Output Disabled
1.5
6
1.5
10
15
18
20
ns
UNITS
1) Refer to Switching Test Conditions section.
2) Calculated from fmax with internal feedback. Refer to fmax Descriptions section.
3) Refer to fmax Descriptions section.
-25
MIN.
MAX.
-20
MIN.
MAX.
-15
MIN.
MAX.
-10
MIN.
MAX.
PARAM.
DESCRIPTION
TEST
COND1.
-7
MIN.
MAX.
CAPACITANCE (T
A = 25°C, f = 1.0 MHz)
SYMBOL
PARAMETER
MAXIMUM*
UNITS
TEST CONDITIONS
C
I
Input Capacitance
8
pF
V
CC = 5.0V, VI = 2.0V
C
I/O
I/O Capacitance
8
pF
V
CC = 5.0V, VI/O = 2.0V
*Guaranteed but not 100% tested.
COM
COM / IND
COM / IND
IND
COM / IND


Similar Part No. - GAL16V8B-10LJI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL16V8B-10LJI LATTICE-GAL16V8B-10LJI Datasheet
1Mb / 24P
   HIGH PERFORMANCE E2CMOS PLD
More results

Similar Description - GAL16V8B-10LJI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL18V10 LATTICE-GAL18V10 Datasheet
265Kb / 16P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_98 Datasheet
395Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic?
GAL22V10 LATTICE-GAL22V10 Datasheet
386Kb / 29P
   High Performance E2CMOS PLD Generic Array Logic
5962-8983902RA LATTICE-5962-8983902RA Datasheet
293Kb / 8P
   High Performance E2CMOS PLD Generic Array Logic?
26CV12 LATTICE-26CV12 Datasheet
255Kb / 17P
   High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8 Datasheet
308Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_06 Datasheet
654Kb / 24P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8 Datasheet
316Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8_06 Datasheet
582Kb / 25P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8_04 Datasheet
339Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com