Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPGDX160A-7B272 Datasheet(PDF) 10 Page - Lattice Semiconductor

Part # ISPGDX160A-7B272
Description  In-System Programmable Generic Digital CrosspointTM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPGDX160A-7B272 Datasheet(HTML) 10 Page - Lattice Semiconductor

Back Button ISPGDX160A-7B272 Datasheet HTML 6Page - Lattice Semiconductor ISPGDX160A-7B272 Datasheet HTML 7Page - Lattice Semiconductor ISPGDX160A-7B272 Datasheet HTML 8Page - Lattice Semiconductor ISPGDX160A-7B272 Datasheet HTML 9Page - Lattice Semiconductor ISPGDX160A-7B272 Datasheet HTML 10Page - Lattice Semiconductor ISPGDX160A-7B272 Datasheet HTML 11Page - Lattice Semiconductor ISPGDX160A-7B272 Datasheet HTML 12Page - Lattice Semiconductor ISPGDX160A-7B272 Datasheet HTML 13Page - Lattice Semiconductor ISPGDX160A-7B272 Datasheet HTML 14Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
10
Specifications ispGDX Family
ispGDX Timing Model
I/O Pin
Reset
TOE
Y0,1,2,3
tgy0/1/2/3 #44
MUX0
MUX1
tgrp #22
GRP
D
C
B
A
OE
tgoe #41
tiobp #31
tioob #32
tmuxd #23
tmuxs #24
tiod #35, #36
tgr #45
0902/gdx
tio #21
trfdbk #30
tmuxc #33, #34
tcio #43
tiolat #25
tiosu #26
tioh #27
tioco #28
tior #29
tob #37
tobs #38
toen #39
toedis #40
ttoe #42
Clock
DQ
Switching Waveforms
Clock Width
CLK
(I/O INPUT)
twl
twh
COMBINATORIAL
I/O OUTPUT
VALID INPUT
DATA (I/O INPUT)
tpd
tsel
VALID INPUT
MUXSEL (I/O INPUT)
Combinatorial Output
COMBINATORIAL
I/O OUTPUT
OE (I/O INPUT)
ten
tdis
I/O Output Enable/Disable
DATA
(I/O INPUT)
REGISTERED
I/O OUTPUT
CLK
VALID INPUT
tsu1
tco2
th
tsu2
tco1
1/
fmax
(external fdbk)
tgco1
tgco2
Registered Output
Reset
REGISTERED
I/O OUTPUT
trst
RESET
trw


Similar Part No. - ISPGDX160A-7B272

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPGDX160A-7B272 LATTICE-ISPGDX160A-7B272 Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
More results

Similar Description - ISPGDX160A-7B272

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
240VA LATTICE-240VA Datasheet
324Kb / 25P
   In-System Programmable 3.3V Generic Digital CrosspointTM
80VA LATTICE-80VA Datasheet
346Kb / 27P
   In-System Programmable 3.3V Generic Digital CrosspointTM
160V LATTICE-160V Datasheet
464Kb / 37P
   In-System Programmable 3.3V Generic Digital CrosspointTM
ISPGDX LATTICE-ISPGDX Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
ISPGDS22 LATTICE-ISPGDS22 Datasheet
104Kb / 8P
   in-system programmable Generic Digital SwitchTM
logo
Sonardyne sound in dept...
7971 SONARDYNE-7971 Datasheet
115Kb / 2P
   Programmable Generic Transponder (PGT)
logo
Xilinx, Inc
DS066 XILINX-DS066 Datasheet
130Kb / 10P
   5V in-system programmable
logo
ATMEL Corporation
ATTINY44A ATMEL-ATTINY44A_14 Datasheet
3Mb / 60P
   Bytes In-System Programmable Flash
logo
Xilinx, Inc
XC18V00 XILINX-XC18V00_08 Datasheet
315Kb / 24P
   XC18V00 Series In-System-Programmable
XCF01S XILINX-XCF01S_07 Datasheet
751Kb / 46P
   Platform Flash In-System Programmable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com