Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6943 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC6943
Description  Micropower, Dual Precision Instrumentation Switched Capacitor Building Block
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6943 Datasheet(HTML) 5 Page - Linear Technology

  LTC6943_15 Datasheet HTML 1Page - Linear Technology LTC6943_15 Datasheet HTML 2Page - Linear Technology LTC6943_15 Datasheet HTML 3Page - Linear Technology LTC6943_15 Datasheet HTML 4Page - Linear Technology LTC6943_15 Datasheet HTML 5Page - Linear Technology LTC6943_15 Datasheet HTML 6Page - Linear Technology LTC6943_15 Datasheet HTML 7Page - Linear Technology LTC6943_15 Datasheet HTML 8Page - Linear Technology LTC6943_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC6943
5
6943f
Test Circuit 1. Leakage Current Test
Common Mode Rejection Ratio (CMRR)
The LTC6943, when used as a differential to single-ended
converter rejects common mode signals and preserves
differential voltages (Figure 1). Unlike other techniques,
the LTC6943’s CMRR does not degrade with increasing
common mode voltage frequency. During the sampling
mode, the impedance of Pins 1, 2 (and 9, 10) should be
balanced, otherwise, common mode signals will appear
differentially. The value of the CMRR depends on the value
of the sampling and holding capacitors (CS, CH) and on the
sampling frequency. Since the common mode voltages
are not sampled, the common mode signal frequency can
well exceed the sampling frequency without experiencing
aliasing phenomena. The CMRR of Figure 1 is measured
by shorting Pins 6 and 11 and by observing, with a
TEST CIRCUITS
Test Circuit 2. RON Test
Test Circuit 3. Oscillator Frequency, fOSC
Test Circuit 4. CMRR Test
6943 • TC04
CMRR = 20 LOG
()
FOR OPTIMUM CMRR, THE COSC SHOULD
BE LARGER THAN 0.0047µF, AND
THE SAMPLING CAPACITOR ACROSS
PINS 9 AND 10 SHOULD BE PLACED
OVER A SHIELD TIED TO PIN 8
+
V≤ VCM ≤ V
+
VCM
VOUT
VOUT
11
12
10
9
8
67
1µF
1µF
CAPACITORS ARE
NOT ELECTROLYTIC
NOTE:
APPLICATIO S I FOR ATIO
Figure 1. Differential to Single-Ended Converter
6943 • TC01
(6, 11, 5, 16)
(7, 12, 4, 13)
(9, 10, 1, 2)
NOTE: TO OPEN SWITCHES,
S1 AND S3 PIN 14,
SHOULD BE CONNECTED
TO V–. TO OPEN S2, S4, THE
COSC PIN 14 SHOULD BE
CONNECTED TO V+ COSC
+
A
0V TO 10V
6943 • AI01
CS, CH ARE MYLAR OR POLYPROPYLENE
+
CH
CS
C
C+
VD
11
12
10
9
1/2 LTC6943
67
VD
VCM
+
+
+
V+
6943 • TC03
3
V–
14
(TEST PIN)
IV
4
LTC6943
15
COSC
1
+
5
6943 • TC02
(6, 11, 5, 16)
(7, 12, 4, 13)
(9, 10, 1, 2)
100µA to 1mA
CURRENT SOURCE
+
A
VIN


Similar Part No. - LTC6943_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6943CGN LINER-LTC6943CGN Datasheet
243Kb / 16P
   Micropower, Dual Precision Instrumentation Switched Capacitor Building Block
LTC6943HGN LINER-LTC6943HGN Datasheet
243Kb / 16P
   Micropower, Dual Precision Instrumentation Switched Capacitor Building Block
LTC6943IGN LINER-LTC6943IGN Datasheet
243Kb / 16P
   Micropower, Dual Precision Instrumentation Switched Capacitor Building Block
More results

Similar Description - LTC6943_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6943 LINER-LTC6943 Datasheet
243Kb / 16P
   Micropower, Dual Precision Instrumentation Switched Capacitor Building Block
LTC1043 LINER-LTC1043_09 Datasheet
235Kb / 16P
   Dual Precision Instrumentation Switched Capacitor Building Block
LT1043 LINER-LT1043 Datasheet
1Mb / 16P
   DUAL PRECISION INSTRUMENTATION SWITCHED CAPACITOR BUILDING BLOCK
LTC1043 LINER-LTC1043_15 Datasheet
240Kb / 16P
   Dual Precision Instrumentation Switched Capacitor Building Block
LTC1043 LINER-LTC1043 Datasheet
1Mb / 16P
   Dual Precision Intrumentation Switched-Capacitor Building Block
LTC1043CS LINER-LTC1043CS Datasheet
126Kb / 2P
   Dual Precision Intrumentation Switched-Capacitor Building Block?
LT1101 LINER-LT1101_15 Datasheet
243Kb / 16P
   Precision, Micropower, Single Supply Instrumentation Amplifier
LTC1060 LINER-LTC1060_09 Datasheet
263Kb / 20P
   Universal Dual Filter Building Block
LTC1060CS LINER-LTC1060CS Datasheet
173Kb / 3P
   Universal Dual Filter Building Block?
LTC1060 LINER-LTC1060_15 Datasheet
269Kb / 20P
   Universal Dual Filter Building Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com