Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPGDXTMFAMILY Datasheet(PDF) 1 Page - Lattice Semiconductor

Part # ISPGDXTMFAMILY
Description  In-System Programmable Generic Digital CrosspointTM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPGDXTMFAMILY Datasheet(HTML) 1 Page - Lattice Semiconductor

  ISPGDXTMFAMILY Datasheet HTML 1Page - Lattice Semiconductor ISPGDXTMFAMILY Datasheet HTML 2Page - Lattice Semiconductor ISPGDXTMFAMILY Datasheet HTML 3Page - Lattice Semiconductor ISPGDXTMFAMILY Datasheet HTML 4Page - Lattice Semiconductor ISPGDXTMFAMILY Datasheet HTML 5Page - Lattice Semiconductor ISPGDXTMFAMILY Datasheet HTML 6Page - Lattice Semiconductor ISPGDXTMFAMILY Datasheet HTML 7Page - Lattice Semiconductor ISPGDXTMFAMILY Datasheet HTML 8Page - Lattice Semiconductor ISPGDXTMFAMILY Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
ispGDXTM Family
In-System Programmable
Generic Digital CrosspointTM
ispgdx_08
1
Functional Block Diagram
Features
• IN-SYSTEM PROGRAMMABLE GENERIC DIGITAL
CROSSPOINT FAMILY
— Advanced Architecture Addresses Programmable
PCB Interconnect, Bus Interface Integration and
Jumper/Switch Replacement
— Three Device Options: 80 to 160 Programmable I/O
Pins
— “Any Input to Any Output” Routing
— Fixed HIGH or LOW Output Option for Jumper/DIP
Switch Emulation
— Space-Saving TQFP, PQFP and BGA Packaging
— Dedicated IEEE 1149.1-Compliant Boundary Scan
Test
— PCI Compliant Output Drive
• HIGH PERFORMANCE E2CMOS® TECHNOLOGY
— 5V Power Supply
— 5.0ns Input-to-Output/5.0ns Clock-to-Output Delay
— Low-Power: 40mA Quiescent Icc
— Balanced 24mA Output Buffers with Programmable
Slew Rate Control
— Schmitt Trigger Inputs for Noise Immunity
— Electrically Erasable and Reprogrammable
— Non-Volatile E2CMOS Technology
— 100% Tested
• ispGDX OFFERS THE FOLLOWING ADVANTAGES
— In-System Programmable
— Lattice ISP or JTAG Programming Interface
— Only 5V Power Supply Required
— Change Interconnects in Seconds
— Reprogram Soldered Devices
• FLEXIBLE ARCHITECTURE
— Combinatorial/Latched/Registered Inputs or Outputs
— Individual I/O Tri-state Control with Polarity Control
— Dedicated Clock Input Pins (two or four) or
Programmable Clocks from I/O Pins (from 20 up to
40)
— Up to 4:1 Dynamic Path Selection
— Programmable Output Pull-up Resistors
— Outputs Tri-state During Power-up (“Live Insertion”
Friendly)
• DESIGN SUPPORT THROUGH LATTICE’S ispGDX
DEVELOPMENT SOFTWARE
— MS Windows or NT / PC-Based or Sun O/S
— Easy Text-Based Design Entry
— Automatic Signal Routing
— Program up to 100 ISP Devices Concurrently
— Simulator Netlist Generation for Easy Board-Level
Simulation
Global Routing
Pool
(GRP)
I/O
Cells
I/O Pins B
Boundary
Scan
Control
I/O
Cells
ISP
Control
I/O Pins D
Description
The ispGDX architecture provides a family of fast, flexible
programmable devices to address a variety of system-
level digital signal routing and interface requirements
including:
• Multi-Port Multiprocessor Interfaces
• Wide Data and Address Bus Multiplexing
(e.g. 4:1 High-Speed Bus MUX)
• Programmable Control Signal Routing
(e.g. Interrupts, DMAREQs, etc)
• Board-Level PCB Signal Routing for Prototyping or
Programmable Bus Interfaces
The ispGDX Family consists of three members with 80,
120 and 160 Programmable I/Os. These devices are
available in packages ranging from the 100-pin TQFP to
the 208-pin PQFP. The devices feature fast operation,
with input-to-output signal delays (Tpd) of 5ns and clock-
to-output delays of 5ns.
The architecture of the devices consists of a series of
programmable I/O cells interconnected by a Global Rout-
Copyright © 2000 Lattice Semiconductor Corporation. All brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein
are subject to change without notice.
LATTICE SEMICONDUCTOR CORP., 5555 Northeast Moore Ct., Hillsboro, Oregon 97124, U.S.A.
August 2000
Tel. (503) 268-8000; 1-800-LATTICE; FAX (503) 268-8556; http://www.latticesemi.com


Similar Part No. - ISPGDXTMFAMILY

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPGDX LATTICE-ISPGDX Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
ISPGDX120A-5Q160 LATTICE-ISPGDX120A-5Q160 Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
ISPGDX120A-5T176 LATTICE-ISPGDX120A-5T176 Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
ISPGDX120A-7Q160 LATTICE-ISPGDX120A-7Q160 Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
ISPGDX120A-7T176 LATTICE-ISPGDX120A-7T176 Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
More results

Similar Description - ISPGDXTMFAMILY

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
240VA LATTICE-240VA Datasheet
324Kb / 25P
   In-System Programmable 3.3V Generic Digital CrosspointTM
80VA LATTICE-80VA Datasheet
346Kb / 27P
   In-System Programmable 3.3V Generic Digital CrosspointTM
160V LATTICE-160V Datasheet
464Kb / 37P
   In-System Programmable 3.3V Generic Digital CrosspointTM
ISPGDX LATTICE-ISPGDX Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
ISPGDS22 LATTICE-ISPGDS22 Datasheet
104Kb / 8P
   in-system programmable Generic Digital SwitchTM
logo
Sonardyne sound in dept...
7971 SONARDYNE-7971 Datasheet
115Kb / 2P
   Programmable Generic Transponder (PGT)
logo
Xilinx, Inc
DS066 XILINX-DS066 Datasheet
130Kb / 10P
   5V in-system programmable
logo
ATMEL Corporation
ATTINY44A ATMEL-ATTINY44A_14 Datasheet
3Mb / 60P
   Bytes In-System Programmable Flash
logo
Xilinx, Inc
XC18V00 XILINX-XC18V00_08 Datasheet
315Kb / 24P
   XC18V00 Series In-System-Programmable
XCF01S XILINX-XCF01S_07 Datasheet
751Kb / 46P
   Platform Flash In-System Programmable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com