Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GAL16V8B-15LP Datasheet(PDF) 20 Page - Lattice Semiconductor

Part # GAL16V8B-15LP
Description  High Performance E2CMOS PLD Generic Array Logic
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL16V8B-15LP Datasheet(HTML) 20 Page - Lattice Semiconductor

Back Button GAL16V8B-15LP Datasheet HTML 15Page - Lattice Semiconductor GAL16V8B-15LP Datasheet HTML 16Page - Lattice Semiconductor GAL16V8B-15LP Datasheet HTML 17Page - Lattice Semiconductor GAL16V8B-15LP Datasheet HTML 18Page - Lattice Semiconductor GAL16V8B-15LP Datasheet HTML 19Page - Lattice Semiconductor GAL16V8B-15LP Datasheet HTML 20Page - Lattice Semiconductor GAL16V8B-15LP Datasheet HTML 21Page - Lattice Semiconductor GAL16V8B-15LP Datasheet HTML 22Page - Lattice Semiconductor GAL16V8B-15LP Datasheet HTML 23Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Specifications GAL16V8
1996 Data Book
3-84
GAL 16V8B-7/-10: TYPICAL AC AND DC CHARACTERISTIC DIAGRAMS
Normalized Tpd vs Vcc
Supply Voltage (V)
0.8
0.9
1
1.1
1.2
4.50
4.75
5.00
5.25
5.50
PT H->L
PT L->H
Normalized Tco vs Vcc
Supply Voltage (V)
0.8
0.9
1
1.1
1.2
4.50
4.75
5.00
5.25
5.50
RISE
FALL
Normalized Tsu vs Vcc
Supply Voltage (V)
0.8
0.9
1
1.1
1.2
4.50
4.75
5.00
5.25
5.50
PT H->L
PT L->H
Normalized Tpd vs Temp
Temperature (deg. C)
0.7
0.8
0.9
1
1.1
1.2
1.3
PT H->L
PT L->H
Normalized Tco vs Temp
Temperature (deg. C)
0.7
0.8
0.9
1
1.1
1.2
1.3
RISE
FALL
Normalized Tsu vs Temp
Temperature (deg. C)
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
PT H->L
PT L->H
Delta Tpd vs # of Outputs
Switching
Number of Outputs Switching
-2
-1.5
-1
-0.5
0
12
345678
RISE
FALL
Delta Tco vs # of Outputs
Switching
Number of Outputs Switching
-2
-1.5
-1
-0.5
0
12345678
RISE
FALL
Delta Tpd vs Output Loading
Output Loading (pF)
-2
0
2
4
6
8
10
0
50
100
150
200
250
300
RISE
FALL
Delta Tco vs Output Loading
Output Loading (pF)
-2
0
2
4
6
8
10
0
50
100
150
200
250
300
RISE
FALL


Similar Part No. - GAL16V8B-15LP

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL16V8B-15LP LATTICE-GAL16V8B-15LP Datasheet
1Mb / 24P
   HIGH PERFORMANCE E2CMOS PLD
GAL16V8B-15LPI LATTICE-GAL16V8B-15LPI Datasheet
1Mb / 24P
   HIGH PERFORMANCE E2CMOS PLD
More results

Similar Description - GAL16V8B-15LP

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL18V10 LATTICE-GAL18V10 Datasheet
265Kb / 16P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_98 Datasheet
395Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic?
GAL22V10 LATTICE-GAL22V10 Datasheet
386Kb / 29P
   High Performance E2CMOS PLD Generic Array Logic
5962-8983902RA LATTICE-5962-8983902RA Datasheet
293Kb / 8P
   High Performance E2CMOS PLD Generic Array Logic?
26CV12 LATTICE-26CV12 Datasheet
255Kb / 17P
   High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8 Datasheet
308Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_06 Datasheet
654Kb / 24P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8 Datasheet
316Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8_06 Datasheet
582Kb / 25P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8_04 Datasheet
339Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com