Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GAL22V10 Datasheet(PDF) 24 Page - Lattice Semiconductor

Part # GAL22V10
Description  High Performance E2CMOS PLD Generic Array Logic
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL22V10 Datasheet(HTML) 24 Page - Lattice Semiconductor

Back Button GAL22V10 Datasheet HTML 20Page - Lattice Semiconductor GAL22V10 Datasheet HTML 21Page - Lattice Semiconductor GAL22V10 Datasheet HTML 22Page - Lattice Semiconductor GAL22V10 Datasheet HTML 23Page - Lattice Semiconductor GAL22V10 Datasheet HTML 24Page - Lattice Semiconductor GAL22V10 Datasheet HTML 25Page - Lattice Semiconductor GAL22V10 Datasheet HTML 26Page - Lattice Semiconductor GAL22V10 Datasheet HTML 27Page - Lattice Semiconductor GAL22V10 Datasheet HTML 28Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Specifications GAL22V10
24
Normalized Tpd vs Vcc
Supply Voltage (V)
0.8
0.9
1
1.1
1.2
4.50
4.75
5.00
5.25
5.50
PT H->L
PT L->H
Normalized Tco vs Vcc
Supply Voltage (V)
0.8
0.9
1
1.1
1.2
4.50
4.75
5.00
5.25
5.50
RISE
FALL
Normalized Tsu vs Vcc
Supply Voltage (V)
0.8
0.9
1
1.1
1.2
4.50
4.75
5.00
5.25
5.50
PT H->L
PT L->H
Normalized Tpd vs Temp
Temperature (deg. C)
0.7
0.8
0.9
1
1.1
1.2
1.3
-55
-25
0
25
50
75
100
125
PT H->L
PT L->H
Normalized Tco vs Temp
Temperature (deg. C)
0.7
0.8
0.9
1
1.1
1.2
1.3
-55
-25
0
25
50
75
100
125
RISE
FALL
Normalized Tsu vs Temp
Temperature (deg. C)
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
-55
-25
0
25
50
75
100
125
PT H->L
PT L->H
Delta Tpd vs # of Outputs
Switching
Number of Outputs Switching
-1.5
-1.25
-1
-0.75
-0.5
-0.25
0
12
3
4
5
6
78
9
10
RISE
FALL
Delta Tco vs # of Outputs
Switching
Number of Outputs Switching
-1
-0.75
-0.5
-0.25
0
1
23456789
10
RISE
FALL
Delta Tpd vs Output Loading
Output Loading (pF)
-2
0
2
4
6
8
10
12
0
50
100
150
200
250
300
RISE
FALL
Delta Tco vs Output Loading
Output Loading (pF)
-2
0
2
4
6
8
10
12
0
50
100
150
200
250
300
RISE
FALL
GAL22V10C-5/-7/-10: Typical AC and DC Characteristic Diagrams


Similar Part No. - GAL22V10

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
GAL22V10-15 NSC-GAL22V10-15 Datasheet
496Kb / 13P
   GENERIC ARRAY LOGIC
GAL22V10-15LJC NSC-GAL22V10-15LJC Datasheet
496Kb / 13P
   GENERIC ARRAY LOGIC
GAL22V10-15LJI NSC-GAL22V10-15LJI Datasheet
496Kb / 13P
   GENERIC ARRAY LOGIC
GAL22V10-15LJM NSC-GAL22V10-15LJM Datasheet
496Kb / 13P
   GENERIC ARRAY LOGIC
GAL22V10-15LNC NSC-GAL22V10-15LNC Datasheet
496Kb / 13P
   GENERIC ARRAY LOGIC
More results

Similar Description - GAL22V10

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL18V10 LATTICE-GAL18V10 Datasheet
265Kb / 16P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_98 Datasheet
395Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic?
5962-8983902RA LATTICE-5962-8983902RA Datasheet
293Kb / 8P
   High Performance E2CMOS PLD Generic Array Logic?
26CV12 LATTICE-26CV12 Datasheet
255Kb / 17P
   High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8 Datasheet
308Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_06 Datasheet
654Kb / 24P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8 Datasheet
316Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V811111 LATTICE-GAL16V811111 Datasheet
392Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8_06 Datasheet
582Kb / 25P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8_04 Datasheet
339Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com