Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GAL22V10 Datasheet(PDF) 1 Page - Lattice Semiconductor

Part No. GAL22V10
Description  High Performance E2CMOS PLD Generic Array Logic
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL22V10 Datasheet(HTML) 1 Page - Lattice Semiconductor

  GAL22V10 Datasheet HTML 1Page - Lattice Semiconductor GAL22V10 Datasheet HTML 2Page - Lattice Semiconductor GAL22V10 Datasheet HTML 3Page - Lattice Semiconductor GAL22V10 Datasheet HTML 4Page - Lattice Semiconductor GAL22V10 Datasheet HTML 5Page - Lattice Semiconductor GAL22V10 Datasheet HTML 6Page - Lattice Semiconductor GAL22V10 Datasheet HTML 7Page - Lattice Semiconductor GAL22V10 Datasheet HTML 8Page - Lattice Semiconductor GAL22V10 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Specifications GAL22V10
1
Features
• HIGH PERFORMANCE E2CMOS® TECHNOLOGY
— 4 ns Maximum Propagation Delay
— Fmax = 250 MHz
— 3.5 ns Maximum from Clock Input to Data Output
— UltraMOS® Advanced CMOS Technology
• ACTIVE PULL-UPS ON ALL PINS
• COMPATIBLE WITH STANDARD 22V10 DEVICES
— Fully Function/Fuse-Map/Parametric Compatible
with Bipolar and UVCMOS 22V10 Devices
• 50% to 75% REDUCTION IN POWER VERSUS BIPOLAR
— 90mA Typical Icc on Low Power Device
— 45mA Typical Icc on Quarter Power Device
•E2 CELL TECHNOLOGY
— Reconfigurable Logic
— Reprogrammable Cells
— 100% Tested/100% Yields
— High Speed Electrical Erasure (<100ms)
— 20 Year Data Retention
• TEN OUTPUT LOGIC MACROCELLS
— Maximum Flexibility for Complex Logic Designs
• PRELOAD AND POWER-ON RESET OF REGISTERS
— 100% Functional Testability
• APPLICATIONS INCLUDE:
— DMA Control
— State Machine Control
— High Speed Graphics Processing
— Standard Logic Speed Upgrade
• ELECTRONIC SIGNATURE FOR IDENTIFICATION
ESCRIPTION
Description
The GAL22V10, at 4ns maximum propagation delay time, combines
a high performance CMOS process with Electrically Erasable (E2)
floating gate technology to provide the highest performance avail-
able of any 22V10 device on the market. CMOS circuitry allows
the GAL22V10 to consume much less power when compared to
bipolar 22V10 devices. E2 technology offers high speed (<100ms)
erase times, providing the ability to reprogram or reconfigure the
device quickly and efficiently.
The generic architecture provides maximum design flexibility by
allowing the Output Logic Macrocell (OLMC) to be configured by
the user. The GAL22V10 is fully function/fuse map/parametric com-
patible with standard bipolar and CMOS 22V10 devices.
Unique test circuitry and reprogrammable cells allow complete AC,
DC, and functional testing during manufacture. As a result, Lat-
tice Semiconductor delivers 100% field programmability and func-
tionality of all GAL products. In addition, 100 erase/write cycles and
data retention in excess of 20 years are specified.
GAL22V10
High Performance E2CMOS PLD
Generic Array Logic™
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I
I/CLK
I
I
I
I
I
I
I
I
I
I
RESET
PRESET
8
10
12
14
16
16
14
12
10
8
OLMC
OLMC
OLMC
OLMC
OLMC
OLMC
OLMC
OLMC
OLMC
OLMC
Copyright © 2000 Lattice Semiconductor Corp. All brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject
to change without notice.
LATTICE SEMICONDUCTOR CORP., 5555 Northeast Moore Ct., Hillsboro, Oregon 97124, U.S.A.
August 2000
Tel. (503) 268-8000; 1-800-LATTICE; FAX (503) 268-8556; http://www.latticesemi.com
GAL22V10
Top View
PLCC
1
12
13
24
I/CLK
I
I
I
I
I
I
I
I
I
I
GND
Vcc
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I
6
18
GAL
22V10
228
I
I
I
I
I
I
NC
NC
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
426
25
19
18
21
23
16
14
12
11
9
7
5
DIP
22v10_06
Functional Block Diagram
Pin Configuration


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
GAL16V8 High Performance E2CMOS PLD Generic Array Logic 1  2  3  4  5  More Lattice Semiconductor
GAL16V811111 High Performance E2CMOS PLD Generic Array Logic 1  2  3  4  5  More Lattice Semiconductor
GAL18V10 High Performance E2CMOS PLD Generic Array Logic 1  2  3  4  5  More Lattice Semiconductor
26CV12 High Performance E2CMOS PLD Generic Array Logic 1  2  3  4  5  More Lattice Semiconductor
GAL20V8 High Performance E2CMOS PLD Generic Array Logic 1  2  3  4  5  More Lattice Semiconductor
GAL6001 High Performance E2CMOS FPLA Generic Array Logic 1  2  3  4  5  More Lattice Semiconductor
GAL6002 High Performance E2CMOS FPLA Generic Array Logic 1  2  3  4  5  More Lattice Semiconductor
GAL16LV8 Low Voltage E2CMOS PLD Generic Array Logic 1  2  3  4  5  More Lattice Semiconductor
GAL16VP8 High-Speed E2CMOS PLD Generic Array Logic 1  2  3  4  5  More Lattice Semiconductor
GAL16LV8ZD Low Voltage Zero Power E2CMOS PLD Generic Array Logic 1  2  3  4  5  More Lattice Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn