Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTC6079 Datasheet(PDF) 20 Page - Linear Technology

Part No. LTC6079
Description  Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTC6079 Datasheet(HTML) 20 Page - Linear Technology

 
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC6078/LTC6079
20
60789fa
© LINEAR TECHNOLOGY CORPORATION 2005
LT 0506 REV A • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507 www.linear.com
PART NUMBER
DESCRIPTION
COMMENTS
LTC2051/LTC2052
Dual/Quad Zero-Drift Op Amps
3µV VOS, 30nV/°C VOS Drift
LT6011/LT6012
Dual/Quad Precision Op Amps
60µV VOS, IB = 300pA, IS = 135µA
TYPICAL APPLICATIO
RELATED PARTS
DC Accurate Composite Amplifier, Gain of 1000
VEE
10k
VOUT
VIN
VCC
VEE
VCC
VDD
LT1634BCS8-5
+
60789 TA06
100
10
10
10k
VSS
2.49k
2.49k
CIRCUIT BW
≈ 1.25MHz
en = 2.6nV/√Hz (RTI) AT 1kHz
CIRCUIT VOS = 25µV (MAX) RTI
1M
VSS
0.1
µF
VDD
+
LT1226
1/2
LTC6078


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn