Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTC6079 Datasheet(PDF) 2 Page - Linear Technology

Part No. LTC6079
Description  Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6079 Datasheet(HTML) 2 Page - Linear Technology

  LTC6079_15 Datasheet HTML 1Page - Linear Technology LTC6079_15 Datasheet HTML 2Page - Linear Technology LTC6079_15 Datasheet HTML 3Page - Linear Technology LTC6079_15 Datasheet HTML 4Page - Linear Technology LTC6079_15 Datasheet HTML 5Page - Linear Technology LTC6079_15 Datasheet HTML 6Page - Linear Technology LTC6079_15 Datasheet HTML 7Page - Linear Technology LTC6079_15 Datasheet HTML 8Page - Linear Technology LTC6079_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC6078/LTC6079
2
60789fa
Total Supply Voltage (V+ to V) ...................................6V
Input Voltage...................................................... Vto V+
Output Short Circuit Duration (Note 2) ............ Indefinite
Operating Temperature Range (Note 3)
LTC6078C, LTC6079C .......................... –40°C to 85°C
LTC6078I, LTC6079I ............................ –40°C to 85°C
LTC6078H, LTC6079H........................ –40°C to 125°C
(Not Available in DFN Package)
(Note 1)
Specified Temperature Range (Note 4)
LTC6078C, LTC6079C .............................. 0°C to 70°C
LTC6078I, LTC6079I ............................ –40°C to 85°C
LTC6078H, LTC6079H........................ –40°C to 125°C
Junction Temperature
DFN Packages................................................... 125°C
All Other Packages............................................ 150°C
Storage Temperature Range
DFN Packages.................................... –65°C to 125°C
All Other Packages............................. –65°C to 150°C
Lead Temperature (Soldering, 10 Sec).................. 300°C
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
TOP VIEW
DD PACKAGE
10-LEAD (3mm
× 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
V+
OUTB
–INB
+INB
SHDN_B
OUTA
–INA
+INA
V
SHDN_A
B
A
TJMAX = 125°C, θJA = 43°C/W
UNDERSIDE METAL CONNECTED TO V
1
2
3
4
OUTA
–INA
+INA
V
8
7
6
5
V+
OUTB
–INB
+INB
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
B
A
TJMAX = 150°C, θJA = 200°C/W
ORDER PART
NUMBER
DD PART
MARKING*
LTC6078CDD
LTC6078IDD
LBBB
LBBB
ORDER PART
NUMBER
MS8 PART
MARKING*
LTC6078ACMS8
LTC6078CMS8
LTC6078AIMS8
LTC6078IMS8
LTC6078AHMS8
LTC6078HMS8
LTAJZ
LTAJZ
LTAJZ
LTAJZ
LTAJZ
LTAJZ
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
OUTD
–IND
+IND
V
+INC
–INC
OUTC
NC
OUTA
–INA
+INA
V+
+INB
–INB
OUTB
NC
TOP VIEW
DHC PACKAGE
16-LEAD (5mm
× 3mm) PLASTIC DFN
D
A
C
B
TJMAX = 125°C, θJA = 43°C/W
UNDERSIDE METAL CONNECTED TO V
GN PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
OUTA
–INA
+INA
V+
+INB
–INB
OUTB
NC
OUTD
–IND
+IND
V
+INC
–INC
OUTC
NC
D
A
C
B
TJMAX = 150°C, θJA = 110°C/W
ORDER PART
NUMBER
DHC PART
MARKING*
LTC6079CDHC
LTC6079IDHC
6079
6079
ORDER PART
NUMBER
GN PART
MARKING
LTC6079CGN
LTC6079IGN
LTC6079HGN
6079
6079I
6079H
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.
*The temperature grades and parametric grades are identified by a label on the shipping container.


Similar Part No. - LTC6079_15

ManufacturerPart No.DatasheetDescription
Linear Technology
Linear Technology
LTC6079CDHC LINER-LTC6079CDHC Datasheet
331Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers
LTC6079CGN LINER-LTC6079CGN Datasheet
331Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers
LTC6079HGN LINER-LTC6079HGN Datasheet
331Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers
LTC6079IDHC LINER-LTC6079IDHC Datasheet
331Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers
LTC6079IGN LINER-LTC6079IGN Datasheet
331Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers
More results

Similar Description - LTC6079_15

ManufacturerPart No.DatasheetDescription
Linear Technology
Linear Technology
LTC6078 LINER-LTC6078_15 Datasheet
341Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers
LTC6081 LINER-LTC6081_15 Datasheet
319Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifiers
LTC6082 LINER-LTC6082_15 Datasheet
319Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifiers
LTC6078 LINER-LTC6078 Datasheet
331Kb / 20P
   Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers
Analog Devices
Analog Devices
AD8603 AD-AD8603_05 Datasheet
457Kb / 20P
   Precision Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8603 AD-AD8603 Datasheet
448Kb / 16P
   Precision Micropower, Low Noise CMOS, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
Linear Technology
Linear Technology
LTC6081 LINER-LTC6081 Datasheet
226Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifi ers
LT1467L LINER-LT1467L_15 Datasheet
248Kb / 12P
   Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
LT1466L LINER-LT1466L_15 Datasheet
248Kb / 12P
   Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
LT1466L LINER-LT1466L Datasheet
274Kb / 12P
   Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz