Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTC6079 Datasheet(PDF) 15 Page - Linear Technology

Part No. LTC6079
Description  Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTC6079 Datasheet(HTML) 15 Page - Linear Technology

Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LTC6078/LTC6079
15
60789fa
TYPICAL APPLICATIO S
Precision Voltage-Controlled Current Source
60Hz Notch
60789 TA14
IOUT
VIN
VDD
1
µF
1
µF
IOUT =
VIN
RSET
+
14
LTC6943
15
0.68
µF
0.001
µF
1k
RSET
1k
9
67
10
11
12
IERROR < 0.1% AT IOUT = 1µA
1/2
LTC6078
2.5V
–2.5V
60789 TA15
VIN
VOUT
R2
R1
10M
10M
540pF
5M
270pF
270pF
+
NOTCH DEPTH = –60dB AT 60Hz, RTI
VOUT = 1 +
• VIN
R2
R1
()
1/2
LTC6078


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn