Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTC6079 Datasheet(PDF) 14 Page - Linear Technology

Part No. LTC6079
Description  Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTC6079 Datasheet(HTML) 14 Page - Linear Technology

Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC6078/LTC6079
14
60789fa
TYPICAL APPLICATIO S
Precision Sample-and-Hold
Thermistor Amplifier with Overtemperature Alarm
60789 TA12
VOUT
TOV
100k
100k
29.4k
100k
0.01
µF
50k
178k
71.5k
A TO D: LTC6079, VDD = 2.7V TO 5.5V, VSS = GND
VOUT = 0 → 1V FOR 0°C TO 100°C, LINEAR
TOV → HIGH WHEN T ≥ 90°C
YSI #44201
THERMOLINEAR
NETWORK
+
C
+
B
+
D
+
A
3200
200k
H
6250
B
VDD
1k
LT1634
1.25V
GAIN TRIM
20k
143k
OFFSET TRIM
60789 TA13
VOUT
VIN
VDD
0.1
µF
9
6
ISUPPLY < 200µA
VOLTAGE DROOP = 130nV/ms TYP
SLEW RATE = 0.05V/ms TYP
ACQ TIME = 84
µs TYP TO 0.1%
S/H
+
LTC6078
A
LTC6943
14
+
LTC6078
B
7
1
5
4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn