Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTC6079 Datasheet(PDF) 12 Page - Linear Technology

Part No. LTC6079
Description  Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTC6079 Datasheet(HTML) 12 Page - Linear Technology

Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LTC6078/LTC6079
12
60789fa
TYPICAL APPLICATIO S
6 Decade Current Log Amplifier
60789 TA07
VDD
VCC
133k
100k
Q1
1000pF
VOUT
1
µF
10nA
≤ IIN ≤ 10mA
Q1, Q2: DIODES INC. DMMT3906W
A TO D: LTC6079
VOUT ≈ 150mV • log (IIN) + 1.23V, IIN IN AMPS
PRECISION
RESISTOR PT146
1k
+3500ppm/
°C
100
1.58k
+
D
+
B
+
C
+
A
1
µF
Q2
33
µF
IIN
100
GND
LT6650
IN
OUT
Humidity Sensor Signal Conditioner
60789 TA08
VDD
VOUT
0V TO 5V
0% TO 100% RH
34.8k
49.9k
499k
1k
10k
47.5k
1k
100k
VDD
VDD
VDD
VSUP
5.2V TO 20V
VDD
5V
1
µF
0.01
µF
0.1
µF
BAT54S
1
µF
IN
OUT
SHDN
LT1761-5
BYP
VDD OUT
SET
DIV
GRD GND
100k
OFFSET TRIM
GAIN TRIM
49.9k
M1
VDD
VBIAS
100k
100k
A TO C: LTC6079
H: GE PARAMETRICS G-CAP 2 HUMIDITY SENSOR
148pF TO 178pF, 0% TO 90% RH
M1: VN2222L
1000pF
75pF
H
+
C
+
B
+
A
1M
100k
0.1
µF
LTC6906
VBIAS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn