Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTC6079 Datasheet(PDF) 11 Page - Linear Technology

Part No. LTC6079
Description  Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTC6079 Datasheet(HTML) 11 Page - Linear Technology

Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC6078/LTC6079
11
60789fa
–2.5V
1M
1000pF
VOUT
2.5V
+
60789 TA04
COLUMBIA RESEARCH LABS
3021 ACCELERATOR
VOUT = 60mV/g
WHERE g = EARTH'S GRAVITATIONAL CONSTANT
1/2
LTC6078
–2.5V
1M
3.8pF
VOUT
2.5V
+
60789 TA05
TEMD1000
IR PHOTODIODE
AT 870nm (IR),
VOUT = 600mV/µW RECEIVED POWER
1/2
LTC6078
+
2N7002
HSDL-4220
VDD
VDD
60789 TA03
100k
909k
5V
0V
49.9
ON/OFF
SHDN
VARYING ON DUTY CYCLE REDUCES
AVERAGE POWER CONSUMPTION
1/2
LTC6078
+
2N7002
VDD
IL
VDD
60789 TA02
RS
R2
R1
LOAD
VOUT = IL
R2
• RS – VOS
R2
R1
R1
0V
≤ VOUT ≤ VDD – VGS, MOSFET
VOUT
1/2
LTC6078
TYPICAL APPLICATIO S
2.7V High Side Current Sense
Low Average Power IR LED Driver
Accelerometer Signal Conditioner
Photodiode Amplifier


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn