Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTC6079 Datasheet(PDF) 1 Page - Linear Technology

Part No. LTC6079
Description  Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTC6079 Datasheet(HTML) 1 Page - Linear Technology

 
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC6078/LTC6079
1
60789fa
Micropower Precision,
Dual/Quad CMOS
Rail-to-Rail Input/Output Amplifiers
The LTC®6078/LTC6079 are dual/quad, low offset, low
noise operational amplifiers with low power consumption
and rail-to-rail input/output swing.
Input offset voltage is trimmed to less than 25µV and the
CMOS inputs draw less than 50pA of bias current. The low
offset drift, excellent CMRR, and high voltage gain make
it a good choice for precision signal conditioning.
Each amplifier draws only 54µA current on a 3V supply. The
micropower, rail-to-rail operation of the LTC6078/LTC6079
is well suited for portable instruments and single supply
applications.
The LTC6078/LTC6079 are specified on power supply
voltages of 3V and 5V from –40 to 125°C. The dual am-
plifier LTC6078 is available in 8-lead MSOP and 10-lead
DFN packages. The quad amplifier LTC6079 is available
in 16-lead SSOP and DFN packages.
Photodiode Amplifier
High Impedance Sensor Amplifier
Microvolt Accuracy Threshold Detection
Instrumentation Amplifiers
Battery Powered Applications
Maximum Offset Voltage of 25µV (25°C)
Maximum Offset Drift of 0.7µV/°C
Maximum Input Bias:
1pA (25°C)
50pA (≤85°C)
Micropower: 54µA per Amp
95dB CMRR (Min)
100dB PSRR (Min)
Input Noise Voltage Density: 16nV/√Hz
Rail-to-Rail Inputs and Outputs
2.7V to 5.5V Operation Voltage
LTC6078 Available in 8-Lead MSOP and 10-Lead DFN
Packages; LTC6079 Available in 16-Lead SSOP and
DFN Packages
Thermocouple Signal Conditioner
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners. Patent Pending.
1k
5.6pF
0.1
µF
OUT = 10mV/
°C
0
°C TO 500°C ±0.5°C
5V
5V
+
60789 TA01a
2.49M
SMT
1/4W
150k
NORMALLY
FLOATING
OMEGA
5TC-TT-K-30-36
THERMOCOUPLE
AMPLIFIER PROTECTED TO
±190V, ACCIDENTAL CONTACT
40.6
µV/°C
SMT
1/4W
150k
10k
100pF
K
1/2
LTC6078
LT1025
VOS Distribution
VOS (µV)
14
12
10
6
8
4
2
0
60789 TA01b
–11
7
–9 –7 –5
1
5
9
–3 –1
3
LTC6078MS8
VS = 3V
VCM = 0.5V
TA = 25°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn