Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTC6079 Datasheet(PDF) 8 Page - Linear Technology

Part No. LTC6079
Description  Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6079 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC6079_15 Datasheet HTML 4Page - Linear Technology LTC6079_15 Datasheet HTML 5Page - Linear Technology LTC6079_15 Datasheet HTML 6Page - Linear Technology LTC6079_15 Datasheet HTML 7Page - Linear Technology LTC6079_15 Datasheet HTML 8Page - Linear Technology LTC6079_15 Datasheet HTML 9Page - Linear Technology LTC6079_15 Datasheet HTML 10Page - Linear Technology LTC6079_15 Datasheet HTML 11Page - Linear Technology LTC6079_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC6078/LTC6079
8
60789fa
CAPACITIVE LOAD (pF)
10
50
45
40
35
30
25
20
15
10
5
0
100
1000
60789 G20
VS = 5V
VCM = 0.5V
TA = 25°C
AV = 10
AV = 1
FREQUENCY (Hz)
100
60789 G19
1k
10k
100k
1M
10M
1000
100
10
1
0.1
0.01
VS = 5V
VCM = 0.5V
TA = 25°C
AV = 1
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
60789 G21
–100
–105
–110
–115
–120
–125
–130
–135
VS = 5V
VCM = 0.5V
RL = 10k
TYPICAL PERFOR A CE CHARACTERISTICS
Disabled Output Impedence vs
Frequency
Overshoot vs CL
PI FU CTIO S
Channel Separation vs Frequency
OUT: Amplifier Output
–IN: Inverting Input
+IN: Noninverting Input
V+: Positive Supply
V–: Negative Supply
⎯S⎯H⎯D⎯N⎯_⎯A: Shutdown Pin of Amplifier A, active low and only
valid for LTC6078DD. An internal current source pulls the
pin to V+ when floating.
⎯S⎯H⎯D⎯N⎯_⎯B: Shutdown Pin of Amplifier B, active low and only
valid for LTC6078DD. An internal current source pulls the
pin to V+ when floating.
NC: Not internally connected.
Exposed Pad: Connected to V.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn