Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTC6079 Datasheet(PDF) 7 Page - Linear Technology

Part No. LTC6079
Description  Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LTC6079 Datasheet(HTML) 7 Page - Linear Technology

Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC6078/LTC6079
7
60789fa
20
µs/DIV
60789 G17
20mV/DIV
VS = 5V
RL = 10k
CL = 100pF
200
µs/DIV
60789 G18
1V/DIV
VS = 5V
RL = 10k
CL = 100pF
FREQUENCY (Hz)
10000
1000
100
10
1
0.1
0.01
100
100k
1M
60789 G16
10k
1k
VS = 5V
VCM = 0.5V
TA = 25°C
AV = 100
AV = 10
AV = 1
FREQUENCY (Hz)
140
120
80
100
60
40
20
0
1
10
100
10k
100k
10M
60789 G15
1k
1M
VS = 5V
VCM = 0.5V
TA = 25°C
FREQUENCY (Hz)
100
80
60
40
20
0
–20
–40
1k
100k
1M
10M
60789 G13
10k
100
80
60
40
20
0
–20
–40
VS = 5V
VCM = 0.5V
CL = 200pF
TA = 25°C
RL = 10k
RL = 100k
GAIN
PHASE
LOAD CURRENT (mA)
+VS
+VS –0.5
+VS –1.0
+VS –1.5
+VS –2.0
–VS +2.0
–VS +1.5
–VS +1.0
–VS +0.5
–VS
0.01
1
10
100
60789 G10
0.1
VS = 5V
VCM = 0.7V
SOURCE
SINK
TA = 125°C
TA = 25°C
TA = –55°C
SUPPLY VOLTAGE (V)
0 0.5 1.0
3.0
4.0
60789 G11
2.5
5.0 5.5
1.5 2.0
3.5
4.5
60
50
40
30
20
10
0
PER AMPLIFIER
VCM = 0.5V
TA = 25°C
TEMPERATURE (
°C)
–40 –25 –10
50
80
60789 G12
35
110 125
520
65
95
65
50
60
45
55
40
PER AMPLIFIER
VCM = 0.5V
VS = 5V
VS = 3V
FREQUENCY (Hz)
120
80
100
60
40
20
0
–20
100
10k
100k
10M
60789 G14
1k
1M
VS = 5V
VCM = 0.5V
TA = 25°C
RL = 1k
Open Loop Gain vs Frequency
CMRR vs Frequency
PSRR vs Frequency
Output Impedance vs Frequency
Small Signal Transient
Large Signal Transient
Output Voltage Swing vs
Load Current
Supply Current vs Supply Voltage
Supply Current vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn