Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GAL16V8B-10LJ Datasheet(PDF) 19 Page - Lattice Semiconductor

Part No. GAL16V8B-10LJ
Description  High Performance E2CMOS PLD Generic Array Logic
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL16V8B-10LJ Datasheet(HTML) 19 Page - Lattice Semiconductor

Back Button GAL16V8B-10LJ Datasheet HTML 15Page - Lattice Semiconductor GAL16V8B-10LJ Datasheet HTML 16Page - Lattice Semiconductor GAL16V8B-10LJ Datasheet HTML 17Page - Lattice Semiconductor GAL16V8B-10LJ Datasheet HTML 18Page - Lattice Semiconductor GAL16V8B-10LJ Datasheet HTML 19Page - Lattice Semiconductor GAL16V8B-10LJ Datasheet HTML 20Page - Lattice Semiconductor GAL16V8B-10LJ Datasheet HTML 21Page - Lattice Semiconductor GAL16V8B-10LJ Datasheet HTML 22Page - Lattice Semiconductor GAL16V8B-10LJ Datasheet HTML 23Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Specifications GAL16V8
1996 Data Book
3-83
GAL 16V8C-5/-7: TYPICAL AC AND DC CHARACTERISTIC DIAGRAMS
Vol vs Iol
Iol (mA)
0
0.5
1
1.5
2
0.00
20.00
40.00
60.00
80.00
Voh vs Ioh
Ioh(mA)
0
1
2
3
4
5
0.00
10.00
20.00
30.00
40.00
50.00
Voh vs Ioh
Ioh(mA)
3.25
3.5
3.75
4
4.25
0.00
1.00
2.00
3.00
4.00
Normalized Icc vs Vcc
Supply Voltage (V)
0.80
0.90
1.00
1.10
1.20
4.50
4.75
5.00
5.25
5.50
Normalized Icc vs Temp
Temperature (deg. C)
0.8
0.9
1
1.1
1.2
1.3
-55
-25
0
25
50
75
100
125
Normalized Icc vs Freq.
Frequency (MHz)
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
0
25
50
75
100
Delta Icc vs Vin (1 input)
Vin (V)
0
2
4
6
8
10
0.00 0.50 1.00 1.50 2.00 2.50 3.00 3.50 4.00
Input Clamp (Vik)
Vik (V)
0
5
10
15
20
25
30
35
40
45
-2.00
-1.50
-1.00
-0.50
0.00


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
GAL16V8 High Performance E2CMOS PLD Generic Array Logic 1  2  3  4  5  More Lattice Semiconductor
GAL18V10 High Performance E2CMOS PLD Generic Array Logic 1  2  3  4  5  More Lattice Semiconductor
GAL20V8 High Performance E2CMOS PLD Generic Array Logic 1  2  3  4  5  More Lattice Semiconductor
26CV12 High Performance E2CMOS PLD Generic Array Logic 1  2  3  4  5  More Lattice Semiconductor
GAL22V10 High Performance E2CMOS PLD Generic Array Logic 1  2  3  4  5  More Lattice Semiconductor
GAL6001 High Performance E2CMOS FPLA Generic Array Logic 1  2  3  4  5  More Lattice Semiconductor
GAL6002 High Performance E2CMOS FPLA Generic Array Logic 1  2  3  4  5  More Lattice Semiconductor
GAL16LV8 Low Voltage E2CMOS PLD Generic Array Logic 1  2  3  4  5  More Lattice Semiconductor
GAL16VP8 High-Speed E2CMOS PLD Generic Array Logic 1  2  3  4  5  More Lattice Semiconductor
GAL20LV8 Low Voltage E2CMOS PLD Generic Array Logic 1  2  3  4  5  More Lattice Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn