Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC5582 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC5582
Description  40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5582 Datasheet(HTML) 1 Page - Linear Technology

  LTC5582_15 Datasheet HTML 1Page - Linear Technology LTC5582_15 Datasheet HTML 2Page - Linear Technology LTC5582_15 Datasheet HTML 3Page - Linear Technology LTC5582_15 Datasheet HTML 4Page - Linear Technology LTC5582_15 Datasheet HTML 5Page - Linear Technology LTC5582_15 Datasheet HTML 6Page - Linear Technology LTC5582_15 Datasheet HTML 7Page - Linear Technology LTC5582_15 Datasheet HTML 8Page - Linear Technology LTC5582_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC5582

5582f
RF INPUT POWER (dBm)
–65
3
2
0
–2
1
–1
–3
–25
–45
–5
5582 TAO1b
5
–35
–55
–15
TA = 25°C
4-CARRIER WCDMA
CW
3-CARRIER CDMA2K
Typical applicaTion
FeaTures
DescripTion
40MHz to 10GHz
RMS Power Detector with
57dB Dynamic Range
TheLTC®5582isa40MHzto10GHzRMSrespondingpower
detector. It is capable of accurate power measurement
of an AC signal with wide dynamic range, from –60dBm
to 2dBm depending on frequency. The power of the AC
signal in an equivalent decibel-scaled value is precisely
converted into DC voltage on a linear scale, independent of
thecrestfactoroftheinputsignalwaveforms.TheLTC5582
is suitable for precision RF power measurement and level
control for a wide variety of RF standards, including LTE,
WiMAX, W-CDMA, CDMA2000, TD-SCDMA, and EDGE.
The DC output is buffered with a low output impedance
amplifier capable of driving a high capacitance load. Con-
sult factory for more information. The part is packaged in
a 10-lead 3mm
× 3mm DFN. It is pin-to-pin compatible
with the LT5570.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Protected by U.S. Patents including 7262661, 7317357, 7622981.
40MHz to 6GHz RMS Power Detector
applicaTions
n
Frequency Range: 40MHz to 10GHz
n
Linear Dynamic Range: Up to 57dB
n
Accurate RMS Power Measurement of High Crest
Factor Modulated Waveforms
n
Exceptional Accuracy Over Temperature: ±0.5dB (Typ)
n
Low Linearity Error within Dynamic Range
n
Single-Ended or Differential RF Inputs
n
Fast Response Time: 90ns Rise Time
n
Low Supply Current: 41.6mA at 3.3V (Typ)
n
Small 3mm
× 3mm DFN10
n
RMS Power Measurement
n
PA Power Control
n
Receive and Transmit Gain Control
n
LTE, WiMAX, W-CDMA, CDMA2K, TD-SCDMA,
EDGE Basestations
n
Point-to-Point Microwave Links
n
RF Instrumentation
VCC
IN+
IN
VOUT
GND
FLTR
EN
ENABLE
OUT
RT2
DEC
RT1
100nF
1nF
1nF
3.3V
5582 TA01a
LTC5582
1µF
270pF
68
Linearity Error vs RF Input Power
2140MHz Modulated Waveforms


Similar Part No. - LTC5582_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5582IDD-PBF LINER-LTC5582IDD-PBF Datasheet
395Kb / 16P
   40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
LTC5582IDD-TRPBF LINER-LTC5582IDD-TRPBF Datasheet
395Kb / 16P
   40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
More results

Similar Description - LTC5582_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5582 LINER-LTC5582 Datasheet
395Kb / 16P
   40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
LT5538 LINER-LT5538_15 Datasheet
240Kb / 12P
   40MHz to 3.8GHz RF Power Detector with 75dB Dynamic Range
LT5538 LINER-LT5538 Datasheet
242Kb / 12P
   40MHz to 3.8GHz RF Power Detector with 75dB Dynamic Range
LT5581 LINER-LT5581_15 Datasheet
513Kb / 18P
   6GHz RMS Power Detector with 40dB Dynamic Range
LT5581 LINER-LT5581 Datasheet
495Kb / 16P
   6GHz RMS Power Detector with 40dB Dynamic Range
logo
Analog Devices
LTC5597 AD-LTC5597 Datasheet
2Mb / 22P
   100MHz to 70GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
logo
Linear Technology
LTC5596 LINER-LTC5596 Datasheet
2Mb / 22P
   100MHz to 40GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
logo
Texas Instruments
LMH2120 TI1-LMH2120 Datasheet
1Mb / 34P
[Old version datasheet]   6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
logo
National Semiconductor ...
LMH2110 NSC-LMH2110 Datasheet
161Kb / 4P
   8 GHz Logarithmic RMS Power Detector with 45 dB Dynamic Range
logo
Texas Instruments
LMH2110 TI1-LMH2110_16 Datasheet
1Mb / 36P
[Old version datasheet]   8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com