Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GAL20V8 Datasheet(PDF) 23 Page - Lattice Semiconductor

Part # GAL20V8
Description  High Performance E2CMOS PLD Generic Array Logic
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL20V8 Datasheet(HTML) 23 Page - Lattice Semiconductor

Back Button GAL20V8 Datasheet HTML 15Page - Lattice Semiconductor GAL20V8 Datasheet HTML 16Page - Lattice Semiconductor GAL20V8 Datasheet HTML 17Page - Lattice Semiconductor GAL20V8 Datasheet HTML 18Page - Lattice Semiconductor GAL20V8 Datasheet HTML 19Page - Lattice Semiconductor GAL20V8 Datasheet HTML 20Page - Lattice Semiconductor GAL20V8 Datasheet HTML 21Page - Lattice Semiconductor GAL20V8 Datasheet HTML 22Page - Lattice Semiconductor GAL20V8 Datasheet HTML 23Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
Specifications GAL20V8
23
Vol vs Iol
Iol (mA)
0
0.5
1
1.5
2
0.00
20.00
40.00
60.00
80.00
100.00
Voh vs Ioh
Ioh(mA)
0
1
2
3
4
5
0.00
10.00
20.00
30.00
40.00
50.00
60.00
Voh vs Ioh
Ioh(mA)
3.25
3.5
3.75
4
4.25
0.00
1.00
2.00
3.00
4.00
Normalized Icc vs Vcc
Supply Voltage (V)
0.80
0.90
1.00
1.10
1.20
4.50
4.75
5.00
5.25
5.50
Normalized Icc vs Temp
Temperature (deg. C)
0.8
0.9
1
1.1
1.2
-55
-25
0
25
50
75
100
125
Normalized Icc vs Freq.
Frequency (MHz)
0.80
0.90
1.00
1.10
1.20
1.30
1.40
0
25
50
75
100
Delta Icc vs Vin (1 input)
Vin (V)
0
2
4
6
8
10
12
0.00 0.50 1.00 1.50 2.00 2.50 3.00 3.50 4.00
Input Clamp (Vik)
Vik (V)
0
10
20
30
40
50
60
70
80
90
100
-2.00
-1.50
-1.00
-0.50
0.00
GAL20V8B-15/-25: Typical AC and DC Characteristic Diagrams


Similar Part No. - GAL20V8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
GAL20V8A-10 NSC-GAL20V8A-10 Datasheet
601Kb / 16P
   Generic Array Logic
GAL20V8A-10L NSC-GAL20V8A-10L Datasheet
601Kb / 16P
   Generic Array Logic
GAL20V8A-10LJC NSC-GAL20V8A-10LJC Datasheet
601Kb / 16P
   Generic Array Logic
GAL20V8A-10LJI NSC-GAL20V8A-10LJI Datasheet
601Kb / 16P
   Generic Array Logic
GAL20V8A-10LJM NSC-GAL20V8A-10LJM Datasheet
601Kb / 16P
   Generic Array Logic
More results

Similar Description - GAL20V8

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL18V10 LATTICE-GAL18V10 Datasheet
265Kb / 16P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_98 Datasheet
395Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic?
GAL22V10 LATTICE-GAL22V10 Datasheet
386Kb / 29P
   High Performance E2CMOS PLD Generic Array Logic
5962-8983902RA LATTICE-5962-8983902RA Datasheet
293Kb / 8P
   High Performance E2CMOS PLD Generic Array Logic?
26CV12 LATTICE-26CV12 Datasheet
255Kb / 17P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_06 Datasheet
654Kb / 24P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8 Datasheet
316Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V811111 LATTICE-GAL16V811111 Datasheet
392Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8_06 Datasheet
582Kb / 25P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8_04 Datasheet
339Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com