Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GAL20V8 Datasheet(PDF) 1 Page - Lattice Semiconductor

Part No. GAL20V8
Description  High Performance E2CMOS PLD Generic Array Logic
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL20V8 Datasheet(HTML) 1 Page - Lattice Semiconductor

  GAL20V8 Datasheet HTML 1Page - Lattice Semiconductor GAL20V8 Datasheet HTML 2Page - Lattice Semiconductor GAL20V8 Datasheet HTML 3Page - Lattice Semiconductor GAL20V8 Datasheet HTML 4Page - Lattice Semiconductor GAL20V8 Datasheet HTML 5Page - Lattice Semiconductor GAL20V8 Datasheet HTML 6Page - Lattice Semiconductor GAL20V8 Datasheet HTML 7Page - Lattice Semiconductor GAL20V8 Datasheet HTML 8Page - Lattice Semiconductor GAL20V8 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
GAL20V8
High Performance E2CMOS PLD
Generic Array Logic™
1
228
I
I
I
I
I
I
NC
NC
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
4
5
7
9
11
12
14
16
18
19
21
23
25
26
PLCC
1
12
13
24
I/CLK
I
I
I
I
I
I
I
I
I
I
GND
Vcc
I
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I
I/OE
6
18
GAL20V8
Top View
GAL
20V8
DIP
CLK
I
I
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I
I
I
I
I
I
I
I
I
I
I/OE
I/CLK
OE
8
8
8
8
8
8
8
8
OLMC
OLMC
OLMC
OLMC
OLMC
OLMC
OLMC
IMUX
IMUX
OLMC
Copyright © 2000 Lattice Semiconductor Corp. All brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject
to change without notice.
LATTICE SEMICONDUCTOR CORP., 5555 Northeast Moore Ct., Hillsboro, Oregon 97124, U.S.A.
August 2000
Tel. (503) 268-8000; 1-800-LATTICE; FAX (503) 268-8556; http://www.latticesemi.com
20v8_04
Features
• HIGH PERFORMANCE E2CMOS® TECHNOLOGY
— 5 ns Maximum Propagation Delay
— Fmax = 166 MHz
— 4 ns Maximum from Clock Input to Data Output
— UltraMOS® Advanced CMOS Technology
• 50% to 75% REDUCTION IN POWER FROM BIPOLAR
— 75mA Typ Icc on Low Power Device
— 45mA Typ Icc on Quarter Power Device
• ACTIVE PULL-UPS ON ALL PINS
• E2 CELL TECHNOLOGY
— Reconfigurable Logic
— Reprogrammable Cells
— 100% Tested/100% Yields
— High Speed Electrical Erasure (<100ms)
— 20 Year Data Retention
• EIGHT OUTPUT LOGIC MACROCELLS
— Maximum Flexibility for Complex Logic Designs
— Programmable Output Polarity
— Also Emulates 24-pin PAL® Devices with Full Function/
Fuse Map/Parametric Compatibility
• PRELOAD AND POWER-ON RESET OF ALL REGISTERS
— 100% Functional Testability
• APPLICATIONS INCLUDE:
— DMA Control
— State Machine Control
— High Speed Graphics Processing
— Standard Logic Speed Upgrade
• ELECTRONIC SIGNATURE FOR IDENTIFICATION
Description
The GAL20V8C, at 5ns maximum propagation delay time, com-
bines a high performance CMOS process with Electrically Eras-
able (E2) floating gate technology to provide the highest speed
performance available in the PLD market. High speed erase times
(<100ms) allow the devices to be reprogrammed quickly and ef-
ficiently.
The generic architecture provides maximum design flexibility by
allowing the Output Logic Macrocell (OLMC) to be configured by
the user. An important subset of the many architecture configura-
tions possible with the GAL20V8 are the PAL architectures listed
in the table of the macrocell description section. GAL20V8 devices
are capable of emulating any of these PAL architectures with full
function/fuse map/parametric compatibility.
Unique test circuitry and reprogrammable cells allow complete AC,
DC, and functional testing during manufacture. As a result, Lattice
Semiconductor delivers 100% field programmability and function-
ality of all GAL products. In addition, 100 erase/write cycles and
data retention in excess of 20 years are specified.
Functional Block Diagram
Pin Configuration


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
GAL16V8 High Performance E2CMOS PLD Generic Array Logic 1  2  3  4  5  More Lattice Semiconductor
GAL16V811111 High Performance E2CMOS PLD Generic Array Logic 1  2  3  4  5  More Lattice Semiconductor
GAL18V10 High Performance E2CMOS PLD Generic Array Logic 1  2  3  4  5  More Lattice Semiconductor
26CV12 High Performance E2CMOS PLD Generic Array Logic 1  2  3  4  5  More Lattice Semiconductor
GAL22V10 High Performance E2CMOS PLD Generic Array Logic 1  2  3  4  5  More Lattice Semiconductor
GAL6001 High Performance E2CMOS FPLA Generic Array Logic 1  2  3  4  5  More Lattice Semiconductor
GAL6002 High Performance E2CMOS FPLA Generic Array Logic 1  2  3  4  5  More Lattice Semiconductor
GAL16LV8 Low Voltage E2CMOS PLD Generic Array Logic 1  2  3  4  5  More Lattice Semiconductor
GAL16VP8 High-Speed E2CMOS PLD Generic Array Logic 1  2  3  4  5  More Lattice Semiconductor
GAL16LV8ZD Low Voltage Zero Power E2CMOS PLD Generic Array Logic 1  2  3  4  5  More Lattice Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn