Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC3101 Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC3101
Description  Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC3101 Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC3101_15 Datasheet HTML 5Page - Torex Semiconductor XC3101_15 Datasheet HTML 6Page - Torex Semiconductor XC3101_15 Datasheet HTML 7Page - Torex Semiconductor XC3101_15 Datasheet HTML 8Page - Torex Semiconductor XC3101_15 Datasheet HTML 9Page - Torex Semiconductor XC3101_15 Datasheet HTML 10Page - Torex Semiconductor XC3101_15 Datasheet HTML 11Page - Torex Semiconductor XC3101_15 Datasheet HTML 12Page - Torex Semiconductor XC3101_15 Datasheet HTML 13Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9/13
XC3101
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(6) Analog Output Voltage vs. Analog Output Current
(7) Alarm Output Current vs. Ambient Temperature
(8) Alarm Output Current vs. Input Voltage
XC3101AC70
1560
1580
1600
1620
1640
0
0.3
0.6
0.9
1.2
1.5
Analog Output Current :IAOUT [mA]
Ta=25℃,VDD=2.7V
CIN=0.1F(ceramic),CL=0.1uF(ceramic)
XC3101AC70
600
650
700
750
800
0
0.3
0.6
0.9
1.2
1.5
Analog Output Current :IAOUT [mA]
Ta=100℃,VDD=2.7V
CIN=0.1F(ceramic),CL=0.1uF(ceramic)
XC3101AC70
0.0
1.0
2.0
3.0
4.0
5.0
6.0
2.5
3
3.5
4
4.5
5
5.5
Input Voltage: VDD [V]
Ta=100℃,VDOUT=0.3V,VAOUT=VSS
CIN=0.1F(ceramic),CL=0.1uF(ceramic)
XC3101AC70
0.0
1.0
2.0
3.0
4.0
5.0
6.0
70
80
90
100
Ambient Temperature: Ta [℃]
VDD=2.7V,VDOUT=0.3V,VAOUT=VSS
CIN=0.1F(ceramic),CL=0.1uF(ceramic)
XC3101AC70
2320
2340
2360
2380
2400
0
0.3
0.6
0.9
1.2
1.5
Analog Output Current :IAOUT [mA]
Ta=-40℃,VDD=2.7V
CIN=0.1F(ceramic),CL=0.1uF(ceramic)


Similar Part No. - XC3101_15

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC3101-12 TOREX-XC3101-12 Datasheet
225Kb / 13P
   Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
XC3101 TOREX-XC3101_12 Datasheet
225Kb / 13P
   Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
More results

Similar Description - XC3101_15

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC3101 TOREX-XC3101 Datasheet
225Kb / 13P
   Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
XC3101-12 TOREX-XC3101-12 Datasheet
225Kb / 13P
   Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
XC3101 TOREX-XC3101_12 Datasheet
225Kb / 13P
   Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
logo
Rohm
BD1020HFV ROHM-BD1020HFV_15 Datasheet
1Mb / 13P
   Temperature Sensor IC Analog Output
BD1020HFV ROHM-BD1020HFV_10 Datasheet
295Kb / 6P
   Analog Output Temperature Sensor IC
logo
Maxim Integrated Produc...
DS600 MAXIM-DS600 Datasheet
73Kb / 4P
   0.5 Accurate Analog-Output Temperature Sensor
REV: 040804
DS600 MAXIM-DS600_07 Datasheet
193Kb / 5P
   ±0.5 Accurate Analog-Output Temperature Sensor
REV: 041607
logo
ASM GmbH
AWS ASM-SENSOR-AWS Datasheet
167Kb / 5P
   Angle sensor with analog output
PTAM20 ASM-SENSOR-PTAM20 Datasheet
228Kb / 1P
   Inclination Sensor with Analog Output
PTAM2 ASM-SENSOR-PTAM2 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com