Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4307 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4307
Description  Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4307 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4307_15 Datasheet HTML 8Page - Linear Technology LTC4307_15 Datasheet HTML 9Page - Linear Technology LTC4307_15 Datasheet HTML 10Page - Linear Technology LTC4307_15 Datasheet HTML 11Page - Linear Technology LTC4307_15 Datasheet HTML 12Page - Linear Technology LTC4307_15 Datasheet HTML 13Page - Linear Technology LTC4307_15 Datasheet HTML 14Page - Linear Technology LTC4307_15 Datasheet HTML 15Page - Linear Technology LTC4307_15 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LTC4307
12
4307f
Systems with Supply Voltage Droop
In large 2-wire systems, the VCC voltages seen by devices
at various points in the system can differ by a few hundred
millivolts or more. This situation is modeled by a series
resistor in the VCC line, as shown in Figure 8. For proper
operation, make sure that the VCC(LTC4307) is ≥ 2.3V.
Figure 6. The LTC4307 in a Repeater/Bus Extender Application Where Two 2-Wire Systems are Separated by a Distance
Figure 7. The LTC4307 in a Repeater Application. The LTC4307’s Low Offset Allows Cascading of Multiple Devices
Figure 8. System with Voltage Droop
C2
0.01
μF
R7
10k
R6
10k
4307 F06
SDAIN
SCLIN
SDAOUT
SCLOUT
VCC
GND
LTC4307
R5
10k
R1
10k
R4
10k
R2
10k
C1
0.01
μF
R3
10k
3.3V
SDA1
SCL1
SDAIN
SCLIN
SDAOUT
SCLOUT
VCC
GND
R8
10k
SDA2
SCL2
LTC4307
ENABLE
READY
ENABLE
READY
C3
0.01
mF
R10
2.7k
R9
10k
4307 F07
SDAIN
SCLIN
SDAOUT
SCLOUT
VCC
GND
LTC4307
R5
2.7k
R1
2.7k
R4
2.7k
R2
2.7k
C1
0.01
mF
R3
10k
VCC
SDA1
SCL1
SDAIN
SCLIN
SDAOUT
SCLOUT
VCC
GND
R11
2.7k
SDA2
SCL2
LTC4307
R8
2.7k
R7
2.7k
C2
0.01
mF
R6
10k
SDAIN
SCLIN
SDAOUT
SCLOUT
VCC
GND
LTC4307
ENABLE
READY
ENABLE
READY
ENABLE
READY
4307 F08
R5
10k
R1
10k
R4
10k
R2
10k
RDROOP
C1
0.01
μF
R3
10k
VCC(BUS)
SDA1
SCL1
READY
SDAIN
SCLIN
SDAOUT
SCLOUT
VCC
GND
SDA2
SCL2
VCC(LTC4307)
LTC4307
ENABLE
READY
APPLICATIONS INFORMATION


Similar Part No. - LTC4307_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4307-1 LINER-LTC4307-1 Datasheet
171Kb / 12P
   High Defi nition Multimedia Interface (HDMI) Level- Shifting 2-Wire Bus Buffer
LTC4307-1 LINER-LTC4307-1 Datasheet
168Kb / 12P
   High Defi nition Multimedia Interface (HDMI) Level- Shifting 2-Wire Bus Buffer
LTC4307-1 LINER-LTC4307-1 Datasheet
201Kb / 20P
   Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4307-1 LINER-LTC4307-1 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
LTC4307-1 LINER-LTC4307-1 Datasheet
208Kb / 20P
   Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
More results

Similar Description - LTC4307_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4307 LINER-LTC4307 Datasheet
171Kb / 16P
   Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4304 LINER-LTC4304 Datasheet
644Kb / 16P
   Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4303 LINER-LTC4303 Datasheet
549Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4304 LINER-LTC4304_15 Datasheet
650Kb / 16P
   Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4309 LINER-LTC4309_15 Datasheet
205Kb / 16P
   Level Shifting Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4309 LINER-LTC4309 Datasheet
202Kb / 16P
   Level Shifting Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4303 LINER-LTC4303_15 Datasheet
555Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
logo
Linear Dimensions Semic...
LTC4303CMS8PBF LINEAR_DIMENSIONS-LTC4303CMS8PBF Datasheet
555Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
logo
Linear Technology
LTC4308 LINER-LTC4308 Datasheet
172Kb / 16P
   Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4308 LINER-LTC4308_15 Datasheet
173Kb / 16P
   Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com