Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GAL16V8Z Datasheet(PDF) 11 Page - Lattice Semiconductor

Part # GAL16V8Z
Description  Zero Power E2CMOS PLD
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL16V8Z Datasheet(HTML) 11 Page - Lattice Semiconductor

Back Button GAL16V8Z Datasheet HTML 7Page - Lattice Semiconductor GAL16V8Z Datasheet HTML 8Page - Lattice Semiconductor GAL16V8Z Datasheet HTML 9Page - Lattice Semiconductor GAL16V8Z Datasheet HTML 10Page - Lattice Semiconductor GAL16V8Z Datasheet HTML 11Page - Lattice Semiconductor GAL16V8Z Datasheet HTML 12Page - Lattice Semiconductor GAL16V8Z Datasheet HTML 13Page - Lattice Semiconductor GAL16V8Z Datasheet HTML 14Page - Lattice Semiconductor GAL16V8Z Datasheet HTML 15Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Specifications GAL16V8Z
GAL16V8ZD
11
Specifications GAL16V8Z
tpd
A
Input or I/O to Combinational Output
3
12
3
15
ns
tco
A
Clock to Output Delay
2
8
2
10
ns
tcf2
Clock to Feedback Delay
6
7
ns
tsu
Setup Time, Input or Feedback before Clock
10
15
ns
th
Hold Time, Input or Feedback after Clock
0—
0—
ns
A
Maximum Clock Frequency with
55
40
MHz
External Feedback, 1/(tsu + tco)
fmax3
A
Maximum Clock Frequency with
62.5
45.5
MHz
Internal Feedback, 1/(tsu + tcf)
A
Maximum Clock Frequency with
83.3
62.5
MHz
No Feedback
twh
Clock Pulse Duration, High
6
8
ns
twl
Clock Pulse Duration, Low
6
8
ns
ten
B
Input or I/O to Output Enabled
12
15
ns
B
OE to Output Enabled
12
15
ns
tdis
C
Input or I/O to Output Disabled
15
15
ns
C
OE to Output DIsabled
12
15
ns
tas
Last Active Input to Standby
60
140
50
150
ns
tsa4
Standby to Active Output
6
13
5
15
ns
PARAMETER
UNITS
-15
MIN. MAX.
TEST
COND1.
DESCRIPTION
-12
MIN. MAX.
COM
COM
1) Refer to Switching Test Conditions section.
2) Calculated from fmax with internal feedback. Refer to fmax Specification section.
3) Refer to fmax Specification section.
4) Add
tsa to tpd, tsu, ten and tdis when the device is coming out of standby state.
POWER
INPUT or
I/O FEEDBACK
OE
CLK
OUTPUT
tas
tpd
ten, tdis
Icc
Isb
tsa
tsu
tco
*
* Note: Rising clock edges
are allowed during
tsa but
outputs are not guaranteed.
AC Switching Characteristics
Over Recommended Operating Conditions
Standby Power Timing Waveforms


Similar Part No. - GAL16V8Z

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL16V8 LATTICE-GAL16V8 Datasheet
316Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic
logo
STMicroelectronics
GAL16V8 STMICROELECTRONICS-GAL16V8 Datasheet
736Kb / 14P
   E2PROM CMOS PROGRAMMABLE LOGIC DEVICE
GAL16V8 STMICROELECTRONICS-GAL16V8 Datasheet
810Kb / 15P
   E2PROM CMOS PROGRAMMABLE LOGIC DEVICE
logo
Lattice Semiconductor
GAL16V8 LATTICE-GAL16V8 Datasheet
395Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8 Datasheet
339Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic?
More results

Similar Description - GAL16V8Z

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL20V8Z LATTICE-GAL20V8Z Datasheet
307Kb / 19P
   Zero Power E2CMOS PLD
GAL16LV8ZD LATTICE-GAL16LV8ZD Datasheet
270Kb / 18P
   Low Voltage, Zero Power E2CMOS PLD Generic Array Logic
GAL20LV8ZD LATTICE-GAL20LV8ZD Datasheet
284Kb / 18P
   Low Voltage, Zero Power E2CMOS PLD Generic Array Logic
GAL16V8A LATTICE-GAL16V8A Datasheet
1Mb / 24P
   HIGH PERFORMANCE E2CMOS PLD
GAL-16V8 LATTICE-GAL-16V8 Datasheet
340Kb / 23P
   High Performance E2CMOS PLD
ISPGAL22V10 LATTICE-ISPGAL22V10 Datasheet
247Kb / 15P
   In-System Programmable E2CMOS PLD
GAL22LV10 LATTICE-GAL22LV10 Datasheet
218Kb / 18P
   Low Voltage E2CMOS PLD Generic Array Logic?
GAL22V10 LATTICE-GAL22V10 Datasheet
386Kb / 29P
   High Performance E2CMOS PLD Generic Array Logic
5962-8983902RA LATTICE-5962-8983902RA Datasheet
293Kb / 8P
   High Performance E2CMOS PLD Generic Array Logic?
GAL20VP8 LATTICE-GAL20VP8 Datasheet
263Kb / 17P
   High-Speed E2CMOS PLD Generic Array Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com