Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI5512VA-100LB388 Datasheet(PDF) 9 Page - Lattice Semiconductor

Part # ISPLSI5512VA-100LB388
Description  In-System Programmable 3.3V SuperWIDE??High Density PLD
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI5512VA-100LB388 Datasheet(HTML) 9 Page - Lattice Semiconductor

Back Button ISPLSI5512VA-100LB388 Datasheet HTML 5Page - Lattice Semiconductor ISPLSI5512VA-100LB388 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI5512VA-100LB388 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI5512VA-100LB388 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI5512VA-100LB388 Datasheet HTML 9Page - Lattice Semiconductor ISPLSI5512VA-100LB388 Datasheet HTML 10Page - Lattice Semiconductor ISPLSI5512VA-100LB388 Datasheet HTML 11Page - Lattice Semiconductor ISPLSI5512VA-100LB388 Datasheet HTML 12Page - Lattice Semiconductor ISPLSI5512VA-100LB388 Datasheet HTML 13Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Specifications ispLSI 5512VA
9
Figure 8. Boundary Scan Waveforms and Timing Specifications
TMS
TDI
TCK
TDO
Data to be
captured
Data to be
driven out
Valid Data
Valid Data
Valid Data
Valid Data
Data Captured
btsu
T
bth
T
btcl
T
btch
T
btcp
T
btvo
T
btco
T
btoz
T
btcpsu
T
btcph
T
btuov
T
btuco
T
btuoz
T
SYMBOL
PARAMETER
MIN
MAX
UNITS
tbtcp
TCK [BSCAN test] clock pulse width
125
ns
tbtch
TCK [BSCAN test] pulse width high
62.5
ns
tbtcl
TCK [BSCAN test] pulse width low
62.5
ns
tbtsu
TCK [BSCAN test] setup time
25
ns
tbth
TCK [BSCAN test] hold time
25
ns
trf
TCK [BSCAN test] rise and fall time
50
mV/ns
tbtco
TAP controller falling edge of clock to valid output
25
ns
tbtoz
TAP controller falling edge of clock to data output disable
25
ns
tbtvo
TAP controller falling edge of clock to data output enable
25
ns
tbtcpsu
BSCAN test Capture register setup time
25
ns
tbtcph
BSCAN test Capture register hold time
25
ns
tbtuco
BSCAN test Update reg, falling edge of clock to valid output
50
ns
tbtuoz
BSCAN test Update reg, falling edge of clock to output disable
50
ns
tbtuov
BSCAN test Update reg, falling edge of clock to output enable
50
ns


Similar Part No. - ISPLSI5512VA-100LB388

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI5512VE LATTICE-ISPLSI5512VE Datasheet
275Kb / 25P
   In-System Programmable 3.3V SuperWIDE™ High Density PLD
January 2002
ISPLSI5512VE-100LB272 LATTICE-ISPLSI5512VE-100LB272 Datasheet
275Kb / 25P
   In-System Programmable 3.3V SuperWIDE™ High Density PLD
January 2002
ISPLSI5512VE-100LB272I LATTICE-ISPLSI5512VE-100LB272I Datasheet
275Kb / 25P
   In-System Programmable 3.3V SuperWIDE™ High Density PLD
January 2002
ISPLSI5512VE-100LB388 LATTICE-ISPLSI5512VE-100LB388 Datasheet
275Kb / 25P
   In-System Programmable 3.3V SuperWIDE™ High Density PLD
January 2002
ISPLSI5512VE-100LB388I LATTICE-ISPLSI5512VE-100LB388I Datasheet
275Kb / 25P
   In-System Programmable 3.3V SuperWIDE™ High Density PLD
January 2002
More results

Similar Description - ISPLSI5512VA-100LB388

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI5256VE LATTICE-ISPLSI5256VE Datasheet
246Kb / 24P
   In-System Programmable 3.3V SuperWIDE High Density PLD
ISPLSI5128VE LATTICE-ISPLSI5128VE Datasheet
211Kb / 21P
   In-System Programmable 3.3V SuperWIDE High Density PLD
5384VA LATTICE-5384VA Datasheet
350Kb / 28P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
ISPLSI5384VE-125LB272 LATTICE-ISPLSI5384VE-125LB272 Datasheet
242Kb / 22P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
5256VA LATTICE-5256VA Datasheet
311Kb / 25P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
5256V LATTICE-5256V Datasheet
311Kb / 25P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
5384VA LATTICE-5384VA_02 Datasheet
311Kb / 31P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
ISPLSI5512VE LATTICE-ISPLSI5512VE Datasheet
275Kb / 25P
   In-System Programmable 3.3V SuperWIDE™ High Density PLD
January 2002
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com