Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI5256VA-70LB272I Datasheet(PDF) 10 Page - Lattice Semiconductor

Part # ISPLSI5256VA-70LB272I
Description  In-System Programmable 3.3V SuperWIDE??High Density PLD
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI5256VA-70LB272I Datasheet(HTML) 10 Page - Lattice Semiconductor

Back Button ISPLSI5256VA-70LB272I Datasheet HTML 6Page - Lattice Semiconductor ISPLSI5256VA-70LB272I Datasheet HTML 7Page - Lattice Semiconductor ISPLSI5256VA-70LB272I Datasheet HTML 8Page - Lattice Semiconductor ISPLSI5256VA-70LB272I Datasheet HTML 9Page - Lattice Semiconductor ISPLSI5256VA-70LB272I Datasheet HTML 10Page - Lattice Semiconductor ISPLSI5256VA-70LB272I Datasheet HTML 11Page - Lattice Semiconductor ISPLSI5256VA-70LB272I Datasheet HTML 12Page - Lattice Semiconductor ISPLSI5256VA-70LB272I Datasheet HTML 13Page - Lattice Semiconductor ISPLSI5256VA-70LB272I Datasheet HTML 14Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Specifications ispLSI 5256VA
10
Absolute Maximum Ratings 1, 2
Supply Voltage Vcc .................................. -0.5 to +5.4V
Input Voltage Applied ............................... -0.5 to +5.6V
Tri-Stated Output Voltage Applied ........... -0.5 to +5.6V
Storage Temperature ................................ -65 to 150
°C
Case Temp. with Power Applied .............. -55 to 125
°C
Max. Junction Temp. (TJ) with Power Applied ... 150°C
1. Stresses above those listed under the “Absolute Maximum Ratings” may cause permanent damage to the device. Functional
operation of the device at these or at any other conditions above those indicated in the operational sections of this specification
is not implied (while programming, follow the programming specifications).
2. Compliance with the Thermal Management section of the Lattice Semiconductor Data Book or CD-ROM is a requirement.
DC Recommended Operating Condition
SYMBOL
Table 2 - 0005/5256
VCC
VCCIO
PARAMETER
Supply Voltage
I/O Reference Voltage
Commercial
TA = 0°C to +70°C
MIN.
MAX.
UNITS
3.00
2.3
3.60
3.60
V
Industrial
TA = -40°C to +85°C
3.00
3.60
V
V
Capacitance (T
A=25°C,f=1.0 MHz)
SYMBOL
Table 2 - 0006/5384
C
PARAMETER
Clock Capacitance
10
UNITS
TYPICAL
TEST CONDITIONS
2
pf
V = 3.3V, V
= 2.0V
CC
CK
C
I/O Capacitance
10
1
pf
V = 3.3V, V
= 2.0V
CC
I/O
C
Global Input Capacitance
10
3
pf
V = 3.3V, V
= 2.0V
CC
G
Erase Reprogram Specification
Table 2-0008/3320
PARAMETER
MINIMUM
MAXIMUM
UNITS
ispLSI Erase/Reprogram Cycles
10000
Cycles


Similar Part No. - ISPLSI5256VA-70LB272I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI5256V-100LB208 LATTICE-ISPLSI5256V-100LB208 Datasheet
311Kb / 25P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
ISPLSI5256V-100LB272 LATTICE-ISPLSI5256V-100LB272 Datasheet
311Kb / 25P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
ISPLSI5256V-100LQ208 LATTICE-ISPLSI5256V-100LQ208 Datasheet
311Kb / 25P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
ISPLSI5256V-125LB208 LATTICE-ISPLSI5256V-125LB208 Datasheet
311Kb / 25P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
ISPLSI5256V-125LB272 LATTICE-ISPLSI5256V-125LB272 Datasheet
311Kb / 25P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
More results

Similar Description - ISPLSI5256VA-70LB272I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI5256VE LATTICE-ISPLSI5256VE Datasheet
246Kb / 24P
   In-System Programmable 3.3V SuperWIDE High Density PLD
ISPLSI5128VE LATTICE-ISPLSI5128VE Datasheet
211Kb / 21P
   In-System Programmable 3.3V SuperWIDE High Density PLD
5384VA LATTICE-5384VA Datasheet
350Kb / 28P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
ISPLSI5384VE-125LB272 LATTICE-ISPLSI5384VE-125LB272 Datasheet
242Kb / 22P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
5512VA LATTICE-5512VA Datasheet
331Kb / 26P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
5256V LATTICE-5256V Datasheet
311Kb / 25P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
5384VA LATTICE-5384VA_02 Datasheet
311Kb / 31P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
ISPLSI5512VE LATTICE-ISPLSI5512VE Datasheet
275Kb / 25P
   In-System Programmable 3.3V SuperWIDE™ High Density PLD
January 2002
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com