Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GAL16LV8 Datasheet(PDF) 22 Page - Lattice Semiconductor

Part # GAL16LV8
Description  Low Voltage E2CMOS PLD Generic Array Logic
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL16LV8 Datasheet(HTML) 22 Page - Lattice Semiconductor

Back Button GAL16LV8 Datasheet HTML 14Page - Lattice Semiconductor GAL16LV8 Datasheet HTML 15Page - Lattice Semiconductor GAL16LV8 Datasheet HTML 16Page - Lattice Semiconductor GAL16LV8 Datasheet HTML 17Page - Lattice Semiconductor GAL16LV8 Datasheet HTML 18Page - Lattice Semiconductor GAL16LV8 Datasheet HTML 19Page - Lattice Semiconductor GAL16LV8 Datasheet HTML 20Page - Lattice Semiconductor GAL16LV8 Datasheet HTML 21Page - Lattice Semiconductor GAL16LV8 Datasheet HTML 22Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
Specifications GAL16LV8
22
Vol vs Iol
Iol (mA)
0
0.2
0.4
0.6
0.8
1
0.00
5.00 10.00 15.00 20.00 25.00 30.00 35.00
Voh vs Ioh
Ioh (mA)
0
1
2
3
4
0.00
2.00
4.00
6.00
8.00 10.00 12.00 14.00
Voh vs Ioh
Ioh (mA)
2.6
2.7
2.8
2.9
3
0.00
1.00
2.00
3.00
4.00
Normalized Icc vs Vcc
Supply Voltage (V)
0.80
0.90
1.00
1.10
1.20
3.00
3.15
3.30
3.45
3.60
Normalized Icc vs Temp
Temperature (deg. C)
0.8
0.9
1
1.1
1.2
1.3
-55
-25
0
25
50
75
100
125
Normalized Icc vs Freq.
Frequency (MHz)
1.00
1.20
1.40
1.60
1.80
0
255075
100
Delta Icc vs Vin (1 input)
Vin (V)
0
2
4
6
8
10
12
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
Input Clamp (Vik)
Vik (V)
0
10
20
30
40
50
60
70
80
90
-3.00
-2.50
-2.00
-1.50
-1.00
-0.50
0.00
GAL16LV8C: Typical AC and DC Characteristic Diagrams


Similar Part No. - GAL16LV8

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL16LV8 LATTICE-GAL16LV8 Datasheet
282Kb / 22P
   Low Voltage E2CMOS PLD Generic Array Logic?
GAL16LV8C-10LJ LATTICE-GAL16LV8C-10LJ Datasheet
282Kb / 22P
   Low Voltage E2CMOS PLD Generic Array Logic?
GAL16LV8C-10LJN LATTICE-GAL16LV8C-10LJN Datasheet
282Kb / 22P
   Low Voltage E2CMOS PLD Generic Array Logic?
GAL16LV8C-15LJ LATTICE-GAL16LV8C-15LJ Datasheet
282Kb / 22P
   Low Voltage E2CMOS PLD Generic Array Logic?
GAL16LV8C-15LJN LATTICE-GAL16LV8C-15LJN Datasheet
282Kb / 22P
   Low Voltage E2CMOS PLD Generic Array Logic?
More results

Similar Description - GAL16LV8

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL26CLV12 LATTICE-GAL26CLV12 Datasheet
225Kb / 13P
   Low Voltage E2CMOS PLD Generic Array Logic
GAL22LV10 LATTICE-GAL22LV10 Datasheet
218Kb / 18P
   Low Voltage E2CMOS PLD Generic Array Logic?
GAL16LV8 LATTICE-GAL16LV8_04 Datasheet
282Kb / 22P
   Low Voltage E2CMOS PLD Generic Array Logic?
GAL20LV8 LATTICE-GAL20LV8 Datasheet
284Kb / 17P
   Low Voltage E2CMOS PLD Generic Array Logic
GAL16LV8ZD LATTICE-GAL16LV8ZD Datasheet
270Kb / 18P
   Low Voltage, Zero Power E2CMOS PLD Generic Array Logic
GAL20LV8ZD LATTICE-GAL20LV8ZD Datasheet
284Kb / 18P
   Low Voltage, Zero Power E2CMOS PLD Generic Array Logic
GAL18V10 LATTICE-GAL18V10 Datasheet
265Kb / 16P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_98 Datasheet
395Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic?
GAL20VP8 LATTICE-GAL20VP8 Datasheet
263Kb / 17P
   High-Speed E2CMOS PLD Generic Array Logic
26CV12 LATTICE-26CV12 Datasheet
255Kb / 17P
   High Performance E2CMOS PLD Generic Array Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com