Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GAL16LV8 Datasheet(PDF) 4 Page - Lattice Semiconductor

Part No. GAL16LV8
Description  Low Voltage E2CMOS PLD Generic Array Logic
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL16LV8 Datasheet(HTML) 4 Page - Lattice Semiconductor

  GAL16LV8 Datasheet HTML 1Page - Lattice Semiconductor GAL16LV8 Datasheet HTML 2Page - Lattice Semiconductor GAL16LV8 Datasheet HTML 3Page - Lattice Semiconductor GAL16LV8 Datasheet HTML 4Page - Lattice Semiconductor GAL16LV8 Datasheet HTML 5Page - Lattice Semiconductor GAL16LV8 Datasheet HTML 6Page - Lattice Semiconductor GAL16LV8 Datasheet HTML 7Page - Lattice Semiconductor GAL16LV8 Datasheet HTML 8Page - Lattice Semiconductor GAL16LV8 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Specifications GAL16LV8
4
In the Registered mode, macrocells are configured as dedicated
registered outputs or as I/O functions.
Architecture configurations available in this mode are similar to the
common 16R8 and 16RP4 devices with various permutations of
polarity, I/O and register placement.
All registered macrocells share common clock and output enable
control pins. Any macrocell can be configured as registered or I/
O. Up to eight registers or up to eight I/Os are possible in this mode.
Dedicated input or output functions can be implemented as sub-
sets of the I/O function.
Registered outputs have eight product terms per output. I/Os have
seven product terms per output.
The JEDEC fuse numbers, including the User Electronic Signature
(UES) fuses and the Product Term Disable (PTD) fuses, are shown
on the logic diagram on the following page.
Registered Configuration for Registered Mode
- SYN=0.
- AC0=1.
- XOR=0 defines Active Low Output.
- XOR=1 defines Active High Output.
- AC1=0 defines this output configuration.
- Pin 1 controls common CLK for the registered outputs.
- Pin 11 controls common
OE for the registered outputs.
- Pin 1 & Pin 11 are permanently configured as CLK &
OE for registered output configuration.
Combinatorial Configuration for Registered Mode
- SYN=0.
- AC0=1.
- XOR=0 defines Active Low Output.
- XOR=1 defines Active High Output.
- AC1=1 defines this output configuration.
- Pin 1 & Pin 11 are permanently configured as CLK &
OE for registered output configuration.
Note: The development software configures all of the architecture control bits and checks for proper pin usage automatically.
DQ
Q
CLK
OE
XOR
XOR
Registered Mode


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
GAL20LV8 Low Voltage E2CMOS PLD Generic Array Logic 1  2  3  4  5  More Lattice Semiconductor
GAL16LV8ZD Low Voltage Zero Power E2CMOS PLD Generic Array Logic 1  2  3  4  5  More Lattice Semiconductor
GAL20LV8ZD Low Voltage Zero Power E2CMOS PLD Generic Array Logic 1  2  3  4  5  More Lattice Semiconductor
GAL26CLV12 Low Voltage E2CMOS PLD Generic Array Logic 1  2  3  4  5  More Lattice Semiconductor
GAL16V8 High Performance E2CMOS PLD Generic Array Logic 1  2  3  4  5  More Lattice Semiconductor
GAL16V811111 High Performance E2CMOS PLD Generic Array Logic 1  2  3  4  5  More Lattice Semiconductor
GAL16VP8 High-Speed E2CMOS PLD Generic Array Logic 1  2  3  4  5  More Lattice Semiconductor
GAL18V10 High Performance E2CMOS PLD Generic Array Logic 1  2  3  4  5  More Lattice Semiconductor
GAL20V8 High Performance E2CMOS PLD Generic Array Logic 1  2  3  4  5  More Lattice Semiconductor
26CV12 High Performance E2CMOS PLD Generic Array Logic 1  2  3  4  5  More Lattice Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn