Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR30A45CTB-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SBR30A45CTB-13
Description  30A SBR짰 SUPER BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR30A45CTB-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  SBR30A45CTB-13 Datasheet HTML 1Page - Diodes Incorporated SBR30A45CTB-13 Datasheet HTML 2Page - Diodes Incorporated SBR30A45CTB-13 Datasheet HTML 3Page - Diodes Incorporated SBR30A45CTB-13 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SBR is a registered trademark of Diodes Incorporated.
SBR30A45CTB
Document number: DS31527 Rev. 8- 2
3 of 4
www.diodes.com
October 2014
© Diodes Incorporated
SBR30A45CTB
0
100
200
300
400
500
600
700
Fig.1 Typical Forward Characteristics
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
0.0001
0.001
0.01
0.1
1
10
100
T = -55°C
A
T = 25°C
A
T = 125°C
A
T = 150°C
A
T = 85°C
A
0.1
1
10
100
1,000
10,000
100,000
0
5
10
15
20
25
30
35
40
45
Fig. 2 Typical Reverse Characteristics
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
0
10
20
30
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE ( C)
Fig. 3 Forward Current Derating Curve
A
°
R
= 16°C/W
Per Element
JA
R
= R
Total Device

JA
JC
R
= R
Per Element

JA
JC
25
15
5
100,000
10,000
1,000
100
10
1
0.01
0.1
1
10
100
1,000
T , PULSE DURATION (µS)
P
Fig. 4 Maximum Avalanche Power Curve
Package Outline Dimensions
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
TO263
Dim
Min
Max
A
4.07
4.82
b
0.51
0.99
b1
1.15
1.77
c
0.356
0.58
c1
1.143
1.65
D
8.39
9.65
D1
6.55
E
9.66
10.66
E1
6.23
e
2.54 Typ
H
14.61
15.87
L
1.78
2.79
L1
1.67
L2

1.77
a
All Dimensions in mm
E
b1
c
H
D
L1
b
L2
L
c1
A
e
a
1
2
K
E1
D1


Similar Part No. - SBR30A45CTB-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR30A45CTB-13 DIODES-SBR30A45CTB-13 Datasheet
92Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A45CTB-13-G DIODES-SBR30A45CTB-13-G Datasheet
92Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
More results

Similar Description - SBR30A45CTB-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR30U30CT DIODES-SBR30U30CT Datasheet
270Kb / 3P
   30A SBR짰 Super Barrier Rectifier
SBR30U30 Rev. 3 - 2
SBR30A100CTB DIODES-SBR30A100CTB_15 Datasheet
92Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A45 DIODES-SBR30A45_15 Datasheet
166Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR3060CTB DIODES-SBR3060CTB_15 Datasheet
225Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A120 DIODES-SBR30A120_15 Datasheet
191Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR3045CTB DIODES-SBR3045CTB_15 Datasheet
95Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR3060 DIODES-SBR3060_15 Datasheet
136Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A60 DIODES-SBR30A60_15 Datasheet
195Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A45CTBQ DIODES-SBR30A45CTBQ_15 Datasheet
260Kb / 5P
   SUPER BARRIER RECTIFIER 30A SBR짰
SBR30A60CTB DIODES-SBR30A60CTB_15 Datasheet
91Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30M100 DIODES-SBR30M100_15 Datasheet
147Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com