Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR30A60 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SBR30A60
Description  30A SBR짰 SUPER BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR30A60 Datasheet(HTML) 3 Page - Diodes Incorporated

  SBR30A60_15 Datasheet HTML 1Page - Diodes Incorporated SBR30A60_15 Datasheet HTML 2Page - Diodes Incorporated SBR30A60_15 Datasheet HTML 3Page - Diodes Incorporated SBR30A60_15 Datasheet HTML 4Page - Diodes Incorporated SBR30A60_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SBR is a registered trademark of Diodes Incorporated.
SBR30A60CT, SBR30A60CTFP
Document number: DS30982 Rev. 10 - 2
3 of 5
www.diodes.com
January 2015
© Diodes Incorporated
SBR30A60CT
SBR30A60CTFP
0.0001
0.001
0.01
0.1
1.00
10.00
100.00
010
20
30
40
50
60
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 3 Typical Reverse Characteristics
R
100
1,000
10,000
0.1
1
10
100
V , DC REVERSE VOLTAGE(V)
Fig. 4 Total Capacitance vs. Reverse Voltage
R
Fig. 5 Forward Current Derating Curve
0
5
10
15
20
25
30
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
A
R
= 9.4°C/W
Per Element
Note 1
θJA
R
= R
Per Element
θθ
JA
JC
R
= R
Total Device
θθ
JA
JC
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
T , JUNCTION TEMPERATURE (°C)
J
Fig. 6 Pulse Derating Curve
100,000
10,000
1,000
100
10
1
0.01
0.1
1
10
100
1,000
T , PULSE DURATION (uS)
P
Fig. 7 Maximum Avalanche Power Curve


Similar Part No. - SBR30A60_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR30A60CT DIODES-SBR30A60CT Datasheet
179Kb / 3P
   30A SBR Super Barrier Rectifier
SBR30A60 Rev. 2
SBR30A60CT DIODES-SBR30A60CT Datasheet
171Kb / 3P
   SUPER BARRIER RECTIFIER
DS30982 Rev. 3 - 2
logo
Dialog Semiconductor
SBR30A60CT DIALOG-SBR30A60CT Datasheet
488Kb / 7P
   Evaluation Board for 15W Single-Output Switch-Mode Power Supply
logo
Diodes Incorporated
SBR30A60CTB DIODES-SBR30A60CTB Datasheet
91Kb / 4P
   30A SBR SUPER BARRIER RECTIFIER
SBR30A60CTB DIODES-SBR30A60CTB Datasheet
91Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
More results

Similar Description - SBR30A60_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR30U30CT DIODES-SBR30U30CT Datasheet
270Kb / 3P
   30A SBR짰 Super Barrier Rectifier
SBR30U30 Rev. 3 - 2
SBR30A100CTB DIODES-SBR30A100CTB_15 Datasheet
92Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A45 DIODES-SBR30A45_15 Datasheet
166Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR3060CTB DIODES-SBR3060CTB_15 Datasheet
225Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A120 DIODES-SBR30A120_15 Datasheet
191Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR3045CTB DIODES-SBR3045CTB_15 Datasheet
95Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR3060 DIODES-SBR3060_15 Datasheet
136Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A45CTBQ DIODES-SBR30A45CTBQ_15 Datasheet
260Kb / 5P
   SUPER BARRIER RECTIFIER 30A SBR짰
SBR30A60CTB DIODES-SBR30A60CTB_15 Datasheet
91Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30M100 DIODES-SBR30M100_15 Datasheet
147Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com