Electronic Components Datasheet Search |
|
PLSI1032E-90LJ Datasheet(PDF) 1 Page - Lattice Semiconductor |
|
PLSI1032E-90LJ Datasheet(HTML) 1 Page - Lattice Semiconductor |
1 / 16 page 1 ispLSI® and pLSI® 1032E High-Density Programmable Logic Functional Block Diagram Features • HIGH DENSITY PROGRAMMABLE LOGIC — 6000 PLD Gates — 64 I/O Pins, Eight Dedicated Inputs — 192 Registers — High Speed Global Interconnect — Wide Input Gating for Fast Counters, State Machines, Address Decoders, etc. — Small Logic Block Size for Random Logic • HIGH PERFORMANCE E2CMOS® TECHNOLOGY — fmax = 125 MHz Maximum Operating Frequency — tpd = 7.5 ns Propagation Delay — TTL Compatible Inputs and Outputs — Electrically Erasable and Reprogrammable — Non-Volatile — 100% Tested at Time of Manufacture — Unused Product Term Shutdown Saves Power • ispLSI OFFERS THE FOLLOWING ADDED FEATURES — In-System Programmable (ISP™) 5-Volt Only — Increased Manufacturing Yields, Reduced Time-to- Market and Improved Product Quality — Reprogram Soldered Devices for Faster Prototyping • OFFERS THE EASE OF USE AND FAST SYSTEM SPEED OF PLDs WITH THE DENSITY AND FLEXIBILITY OF FIELD PROGRAMMABLE GATE ARRAYS — Complete Programmable Device Can Combine Glue Logic and Structured Designs — Enhanced Pin Locking Capability — Four Dedicated Clock Input Pins — Synchronous and Asynchronous Clocks — Programmable Output Slew Rate Control to Minimize Switching Noise — Flexible Pin Placement — Optimized Global Routing Pool Provides Global Interconnectivity • ispEXPERT™ – LOGIC COMPILER AND COMPLETE ISP DEVICE DESIGN SYSTEMS FROM HDL SYNTHESIS THROUGH IN-SYSTEM PROGRAMMING — Superior Quality of Results — Tightly Integrated with Leading CAE Vendor Tools — Productivity Enhancing Timing Analyzer, Explore Tools, Timing Simulator and ispANALYZER™ — PC and UNIX Platforms Output Routing Pool Output Routing Pool D7 D6 D5 D4 D3 D2 D1 D0 B0 B1 B2 B3 B4 B5 B6 B7 A0 A1 A2 A3 A4 A5 A6 A7 C7 C6 C5 C4 C3 C2 C1 C0 CLK Global Routing Pool (GRP) 0139A(A1)-isp Logic Array DQ DQ DQ DQ GLB Description The ispLSI and pLSI 1032E are High Density Program- mable Logic Devices containing 192 Registers, 64 Universal I/O pins, eight Dedicated Input pins, four Dedi- cated Clock Input pins and a Global Routing Pool (GRP). The GRP provides complete interconnectivity between all of these elements. The ispLSI 1032E features 5-Volt in-system programmability and in-system diagnostic ca- pabilities. The ispLSI 1032E device offers non-volatile reprogrammability of the logic, as well as the intercon- nects to provide truly reconfigurable systems. It is architecturally and parametrically compatible to the pLSI 1032E device, but multiplexes four input pins to control in-system programming. A functional superset of the ispLSI and pLSI 1032 architecture, the ispLSI and pLSI 1032E devices add two new global output enable pins. The basic unit of logic on the ispLSI and pLSI 1032E devices is the Generic Logic Block (GLB). The GLBs are labeled A0, A1…D7 (see Figure 1). There are a total of 32 GLBs in the ispLSI and pLSI 1032E devices. Each GLB has 18 inputs, a programmable AND/OR/Exclusive OR array, and four outputs which can be configured to be either combinatorial or registered. Inputs to the GLB come from the GRP and dedicated inputs. All of the GLB outputs are brought back into the GRP so that they can be connected to the inputs of any GLB on the device. 1032E_06 Copyright © 1998 Lattice Semiconductor Corp. All brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice. LATTICE SEMICONDUCTOR CORP., 5555 Northeast Moore Ct., Hillsboro, Oregon 97124, U.S.A. October 1998 Tel. (503) 681-0118; 1-800-LATTICE; FAX (503) 681-3037; http://www.latticesemi.com |
Similar Part No. - PLSI1032E-90LJ |
|
Similar Description - PLSI1032E-90LJ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |