Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4058X-4.2 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4058X-4.2
Description  Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4058X-4.2 Datasheet(HTML) 3 Page - Linear Technology

  LTC4058X-4.2 Datasheet HTML 1Page - Linear Technology LTC4058X-4.2 Datasheet HTML 2Page - Linear Technology LTC4058X-4.2 Datasheet HTML 3Page - Linear Technology LTC4058X-4.2 Datasheet HTML 4Page - Linear Technology LTC4058X-4.2 Datasheet HTML 5Page - Linear Technology LTC4058X-4.2 Datasheet HTML 6Page - Linear Technology LTC4058X-4.2 Datasheet HTML 7Page - Linear Technology LTC4058X-4.2 Datasheet HTML 8Page - Linear Technology LTC4058X-4.2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC4058-4.2/LTC4058X-4.2
sn405842 405842fs
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: The LTC4058E-4.2/LTC4058XE-4.2 are guaranteed to meet
performance specifications from 0
°C to 70°C. Specifications over the
–40
°C to 85°C operating temperature range are assured by design,
characterization and correlation with statistical process controls.
Note 3: Failure to solder the exposed backside of the package to the PC
board will result in a thermal resistance much higher than 40
°C/W.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TLIM
Junction Temperature in Constant
120
°C
Temperature Mode
RON
Power FET “ON” Resistance
600
m
(Between VCC and BAT)
tSS
Soft-Start Time
IBAT = 0 to IBAT =1000V/RPROG
100
µs
tRECHARGE
Recharge Comparator Filter Time
VBSENSE High to Low
0.75
2
4.5
ms
tTERM
Termination Comparator Filter Time
IBAT Drops Below ICHG/10
400
1000
2500
µs
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Note 4: Supply current includes PROG pin current (approximately 100
µA)
but does not include any current delivered to the battery through the BAT
pin (approximately 100mA).
Note 5: For all Li-Ion applications, the BSENSE pin must be electrically
connected to the BAT pin.
Note 6: This parameter is not applicable to the LTC4058X.
Note 7: ITERM is expressed as a fraction of measured full charge current
with indicated PROG resistor.
TYPICAL PERFOR A CE CHARACTERISTICS
PROG Pin Voltage vs Supply
Voltage (Constant Current Mode)
VCC (V)
4
0.985
0.990
0.995
1.000
1.005
1.015
4.5
5
5.5
6
405842 G01
6.5
7
1.010
VCC = 5V
VBAT = VBSENSE = 4V
TA = 25°C
RPROG = 10k
TEMPERATURE (
°C)
–50
0.9975
1.0000
1.0025
25
75
405842 G02
0.9950
0.9925
0.9900
–25
0
50
1.0050
1.0075
1.0100
100
VCC = 5V
VBAT = VBSENSE = 4V
RPROG = 10k
VPROG (V)
0
0
100
200
300
400
600
0.2
0.4
0.6
0.8
405842 G03
1
1.2
500
VCC = 5V
TA = 25°C
RPROG = 2k
PROG Pin Voltage
vs Temperature
Charge Current
vs PROG Pin Voltage


Similar Part No. - LTC4058X-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4058XEDD-4.2 LINER-LTC4058XEDD-4.2 Datasheet
180Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
More results

Similar Description - LTC4058X-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4058-4.2 LINER-LTC4058-4.2_15 Datasheet
192Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
LTC4058 LINER-LTC4058 Datasheet
180Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
logo
List of Unclassifed Man...
XT2055 ETC1-XT2055 Datasheet
257Kb / 10P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
FOSLINK SEMICONDUCTOR C...
FSP4054 FOSLINK-FSP4054 Datasheet
445Kb / 15P
   Standalone Linear Li-ion Battery Charger with Thermal Regulation
logo
Shenzhen Huazhimei Semi...
HM4057C HMSEMI-HM4057C Datasheet
577Kb / 10P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
Eutech Microelectronics...
EUP8054 EUTECH-EUP8054 Datasheet
431Kb / 17P
   Standalone Linear Li-Ion Battery Charger With Thermal Regulation in ThinSOT
logo
Linear Technology
LTC4054X-4.2 LINER-LTC4054X-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054-4.2 LINER-LTC4054-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054X LINER-LTC4054X Datasheet
188Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
AiT Semiconductor Inc.
A4059 AITSEMI-A4059 Datasheet
481Kb / 12P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com