Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3873 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3873
Description  Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3873 Datasheet(HTML) 5 Page - Linear Technology

  LTC3873 Datasheet HTML 1Page - Linear Technology LTC3873 Datasheet HTML 2Page - Linear Technology LTC3873 Datasheet HTML 3Page - Linear Technology LTC3873 Datasheet HTML 4Page - Linear Technology LTC3873 Datasheet HTML 5Page - Linear Technology LTC3873 Datasheet HTML 6Page - Linear Technology LTC3873 Datasheet HTML 7Page - Linear Technology LTC3873 Datasheet HTML 8Page - Linear Technology LTC3873 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC3873
5
3873fa
Frequency vs Temperature
Maximum Sense Threshold
vs Temperature
TYPICAL PERFORMANCE CHARACTERISTICS
IPRG (Pin 1/Pin 4): Current Sense Limit Select Pin.
ITH (Pin 2/Pin 3): This pin serves as the error amplifier
compensation point. Nominal voltage range for this pin
is 0.7V to 1.9V.
VFB (Pin 3/Pin 2): This pin receives the feedback voltage
from an external resistor divider across the output.
GND (Pin 4/Pin 1): Ground Pin.
NGATE (Pin 5/Pin 8): Gate Drive for the External N-Channel
MOSFET. This pin swings from 0V to VIN.
VCC (Pin 6/Pin 7): Supply Pin. This pin must be closely
decoupled to GND (Pin 4).
PIN FUNCTIONS (TS8/DDB)
RUN/SS (Pin 7/Pin 6): Shutdown and External Soft-Start
Pin. In shutdown, all functions are disabled and the NGATE
pin is held low.
SW (Pin 8/Pin 5): Switch node connection to inductor and
current sense input pin through external slope compensa-
tion resistor. Normally, the external N-channel MOSFET’s
drain is connected to this pin.
Exposed Pad (NA/Pin 9): Ground. Must be soldered to PCB
for electrical contact and rated thermal performance.
TEMPERATURE (°C)
–60
210
230
250
100
3873 G09
190
170
150
–40 –20
0
20
40
60
80
120
TEMPERATURE (°C)
0
100
200
300
50
150
250
–20
20
60
100
3873 G10
120
–40
–60
0
40
80
IPRG = VIN
IPRG = FLOAT
IPRG = GND


Similar Part No. - LTC3873

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3873 LINER-LTC3873 Datasheet
176Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873-5 LINER-LTC3873-5 Datasheet
169Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873-5 LINER-LTC3873-5 Datasheet
181Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873-5 LINER-LTC3873-5_15 Datasheet
181Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873EDDB LINER-LTC3873EDDB Datasheet
176Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
More results

Similar Description - LTC3873

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3873-5 LINER-LTC3873-5_15 Datasheet
181Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3805-5 LINER-LTC3805-5 Datasheet
212Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
LTC3805-5 LINER-LTC3805-5_15 Datasheet
264Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
LTC3873-5 LINER-LTC3873-5 Datasheet
169Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873 LINER-LTC3873 Datasheet
176Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
   Current Mode Boost Flyback and SEPIC Controller
LTC3805 LINER-LTC3805_15 Datasheet
267Kb / 20P
   Adjustable Frequency Current Mode Flyback DC/DC Controller
LTC3805 LINER-LTC3805 Datasheet
207Kb / 20P
   Adjustable Frequency Current Mode Flyback DC/DC Controller
logo
Infineon Technologies A...
TLD5098EL INFINEON-TLD5098EL Datasheet
1Mb / 39P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.0, 2010-10-13
TLD5095EL INFINEON-TLD5095EL Datasheet
1Mb / 31P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.1, 2009-12-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com