Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3803-5 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3803-5
Description  Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3803-5 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3803-5_15 Datasheet HTML 3Page - Linear Technology LTC3803-5_15 Datasheet HTML 4Page - Linear Technology LTC3803-5_15 Datasheet HTML 5Page - Linear Technology LTC3803-5_15 Datasheet HTML 6Page - Linear Technology LTC3803-5_15 Datasheet HTML 7Page - Linear Technology LTC3803-5_15 Datasheet HTML 8Page - Linear Technology LTC3803-5_15 Datasheet HTML 9Page - Linear Technology LTC3803-5_15 Datasheet HTML 10Page - Linear Technology LTC3803-5_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC3803-5
7
38035fd
OPERATION
The LTC3803-5 is a constant frequency current mode
controller for flyback, SEPIC and DC/DC boost converter
applications in a tiny ThinSOT package. The LTC3803-5 is
designed so that none of its pins need to come in contact
with the input or output voltages of the power supply circuit
of which it is a part, allowing the conversion of voltages well
beyond the LTC3803-5’s absolute maximum ratings.
Main Control Loop
Due to space limitations, the basics of current mode DC/DC
conversion will not be discussed here; instead, the reader
is referred to the detailed treatment in Application Note
19, or in texts such as Abraham Pressman’s
Switching
Power Supply Design.
Please refer to the Block Diagram and the Typical Ap-
plication on the front page of this data sheet. An external
resistive voltage divider presents a fraction of the output
voltage to the VFB pin. The divider must be designed so
that when the output is at the desired voltage, the VFB pin
voltage will equal the 800mV from the internal reference.
If the load current increases, the output voltage will de-
crease slightly, causing the VFB pin voltage to fall below
800mV. The error amplifier responds by feeding current
into the ITH/RUN pin. If the load current decreases, the
VFB voltage will rise above 800mV and the error amplifier
will sink current away from the ITH/RUN pin.
The voltage at the ITH/RUN pin commands the pulse-width
modulator formed by the oscillator, current comparator
and RS latch. Specifically, the voltage at the ITH/RUN pin
sets the current comparator’s trip threshold. The current
comparator monitors the voltage across a current sense
resistor in series with the source terminal of the external
MOSFET. The LTC3803-5 turns on the external power
MOSFET when the internal free-running 200kHz oscillator
sets the RS latch. It turns off the MOSFET when the cur-
rent comparator resets the latch or when 80% duty cycle
is reached, whichever happens first. In this way, the peak
current levels through the flyback transformer’s primary
and secondary are controlled by the ITH/RUN voltage.
Since the ITH/RUN voltage is increased by the error ampli-
fier whenever the output voltage is below nominal, and
decreased whenever output voltage exceeds nominal, the
voltage regulation loop is closed. For example, whenever
the load current increases, output voltage will decrease
slightly, and sensing this, the error amplifier raises the
ITH/RUN voltage by sourcing current into the ITH/RUN pin,
raising the current comparator threshold, thus increasing
the peak currents through the transformer primary and
secondary. This delivers more current to the load, bringing
the output voltage back up.
The ITH/RUN pin serves as the compensation point for
the control loop. Typically, an external series RC network
is connected from ITH/RUN to ground and is chosen for
optimal response to load and line transients. The impedance
of this RC network converts the output
current of the error
amplifier to the ITH/RUN voltage which sets the current
comparator threshold and commands considerable influ-
ence over the dynamics of the voltage regulation loop.
Start-Up/Shutdown
The LTC3803-5 has two shutdown mechanisms to disable
and enable operation: an undervoltage lockout on the VCC
supply pin voltage, and a forced shutdown whenever ex-
ternal circuitry drives the ITH/RUN pin low. The LTC3803-5
transitions into and out of shutdown according to the state
diagram (Figure 1).
Figure 1. Start-Up/Shutdown State Diagram
LTC3803-5
SHUT DOWN
VITH/RUN < VITHSHDN
(NOMINALLY 0.28V)
38035 F01
VCC < VTURNOFF
(NOMINALLY 4V)
VITH/RUN > VITHSHDN
AND VCC > VTURNON
(NOMINALLY 4.8V)
LTC3803-5
ENABLED


Similar Part No. - LTC3803-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3803-5 LINER-LTC3803-5 Datasheet
181Kb / 12P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-5 LINER-LTC3803-5 Datasheet
479Kb / 26P
   Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
LTC3803-5 LINER-LTC3803-5 Datasheet
313Kb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
LTC3803-5 LINER-LTC3803-5 Datasheet
257Kb / 20P
   Isolated No Opto-Coupler Flyback Controller
logo
Analog Devices
LTC3803-5 AD-LTC3803-5 Datasheet
1Mb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
More results

Similar Description - LTC3803-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3803 LINER-LTC3803_15 Datasheet
174Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-5 LINER-LTC3803-5 Datasheet
181Kb / 12P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803 LINER-LTC3803 Datasheet
181Kb / 12P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-3 LINER-LTC3803-3_15 Datasheet
180Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-3 LINER-LTC3803-3 Datasheet
170Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC1872B LINER-LTC1872B_15 Datasheet
204Kb / 12P
   Constant Frequency Current Mode Step-Up DC/DC Controller in ThinSOT
LTC1872B LINER-LTC1872B Datasheet
199Kb / 12P
   Constant Frequency Current Mode Step-Up DC/DC Controller in ThinSOT
LTC3873-5 LINER-LTC3873-5 Datasheet
169Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873 LINER-LTC3873 Datasheet
176Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3805 LINER-LTC3805_15 Datasheet
267Kb / 20P
   Adjustable Frequency Current Mode Flyback DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com