Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3803-3 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3803-3
Description  Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3803-3 Datasheet(HTML) 1 Page - Linear Technology

  LTC3803-3 Datasheet HTML 1Page - Linear Technology LTC3803-3 Datasheet HTML 2Page - Linear Technology LTC3803-3 Datasheet HTML 3Page - Linear Technology LTC3803-3 Datasheet HTML 4Page - Linear Technology LTC3803-3 Datasheet HTML 5Page - Linear Technology LTC3803-3 Datasheet HTML 6Page - Linear Technology LTC3803-3 Datasheet HTML 7Page - Linear Technology LTC3803-3 Datasheet HTML 8Page - Linear Technology LTC3803-3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC3803-3
1
38033fd
L, LT, LTC, LTM, Burst Mode, Linear Technology and the Linear logo are registered trademarks
and ThinSOT and No RSENSE are trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Constant Frequency
Current Mode Flyback
DC/DC Controller in ThinSOT
The LTC
®3803-3 is a constant frequency current mode
flyback controller optimized for driving N-channel MOSFETs
in high input voltage applications. Constant frequency
operation is maintained down to very light loads, resulting
in less low frequency noise generation over a wide range
of load currents. Slope compensation can be programmed
with an external resistor.
The LTC3803-3 provides ±1.5% output voltage accuracy
and consumes only 240μA of quiescent current. Ground-
referenced current sensing allows LTC3803-3-based con-
verters to accept input supplies beyond the LTC3803-3’s
absolute maximum VCC. A micropower hysteretic start-up
feature allows efficient operation at high input voltages. For
simplicity, the LTC3803-3 can also be powered from a high
VIN through a resistor, due to its internal shunt regulator. An
internal undervoltage lockout shuts down the LTC3803-3
when the input voltage is too low to provide sufficient gate
drive to the external MOSFET.
The LTC3803-3 is available in a low profile (1mm) 6-lead
SOT-23 (ThinSOT™) package.
5V Output Nonisolated Telecom Housekeeping Power Supply
n VIN and VOUT Limited Only by External Components
n Adjustable Slope Compensation
n Internal Soft-Start
n –55°C to 150°C Operating Temperature Range
n Constant Frequency 300kHz Operation
n ±1.5% Reference Accuracy
n Current Mode Operation for Excellent Line and Load
Transient Response
n No Minimum Load Requirement
n Low Quiescent Current: 240μA
n Low Profile (1mm) SOT-23 Package
n Telecom Power Supplies
n 42V and 12V Automotive Power Supplies
n Auxiliary/Housekeeping Power Supplies
n Power over Ethernet Powered Devices
VCC
ITH/RUN
LTC3803-3
GND
NGATE
SENSE
VFB
UPS840
300μF*
6.3V
X5R
1μF
100V
X5R
150pF
200V
1μF
10V
X5R
VOUT
5V
2A MAX
38033 TA01
68mΩ
220Ω
20k
10k
82k
470pF
105k
4.7k
FDC2512
T1: COOPER CTX02-15242
*THREE 100μF UNITS IN PARALLEL
T1
VIN
36V TO 72V
LOAD CURRENT (mA)
250
50
55
65
70
75
100
85
750
1250 1500
38033 TA02
60
90
95
80
500
1000
1750 2000
VIN = 36V
VIN = 48V
VIN = 60V
VIN = 72V
VOUT = 5V
Efficiency vs Load Current


Similar Part No. - LTC3803-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3803-3 LINER-LTC3803-3 Datasheet
170Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-3 LINER-LTC3803-3 Datasheet
479Kb / 26P
   Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
LTC3803-3 LINER-LTC3803-3 Datasheet
504Kb / 42P
   Synchronous No-Opto Flyback Controller
LTC3803-3 LINER-LTC3803-3 Datasheet
313Kb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
LTC3803-3 LINER-LTC3803-3 Datasheet
257Kb / 20P
   Isolated No Opto-Coupler Flyback Controller
More results

Similar Description - LTC3803-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3803 LINER-LTC3803_15 Datasheet
174Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-5 LINER-LTC3803-5 Datasheet
181Kb / 12P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803 LINER-LTC3803 Datasheet
181Kb / 12P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-5 LINER-LTC3803-5_15 Datasheet
172Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-3 LINER-LTC3803-3 Datasheet
170Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC1872B LINER-LTC1872B_15 Datasheet
204Kb / 12P
   Constant Frequency Current Mode Step-Up DC/DC Controller in ThinSOT
LTC1872B LINER-LTC1872B Datasheet
199Kb / 12P
   Constant Frequency Current Mode Step-Up DC/DC Controller in ThinSOT
LTC3873-5 LINER-LTC3873-5 Datasheet
169Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873 LINER-LTC3873 Datasheet
176Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3805 LINER-LTC3805_15 Datasheet
267Kb / 20P
   Adjustable Frequency Current Mode Flyback DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com