Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI3256A-50LMI Datasheet(PDF) 10 Page - Lattice Semiconductor

Part # ISPLSI3256A-50LMI
Description  In-System Programmable High Density PLD
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI3256A-50LMI Datasheet(HTML) 10 Page - Lattice Semiconductor

Back Button ISPLSI3256A-50LMI Datasheet HTML 5Page - Lattice Semiconductor ISPLSI3256A-50LMI Datasheet HTML 6Page - Lattice Semiconductor ISPLSI3256A-50LMI Datasheet HTML 7Page - Lattice Semiconductor ISPLSI3256A-50LMI Datasheet HTML 8Page - Lattice Semiconductor ISPLSI3256A-50LMI Datasheet HTML 9Page - Lattice Semiconductor ISPLSI3256A-50LMI Datasheet HTML 10Page - Lattice Semiconductor ISPLSI3256A-50LMI Datasheet HTML 11Page - Lattice Semiconductor ISPLSI3256A-50LMI Datasheet HTML 12Page - Lattice Semiconductor ISPLSI3256A-50LMI Datasheet HTML 13Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Specifications ispLSI 3256A
10
Power Consumption
Figure 3. Typical Device Power Consumption vs fmax
Power consumption in the ispLSI 3256A device depends
on two primary factors: the speed at which the device is
operating and the number of product terms used.
Figure 3 shows the relationship between power and
operating speed.
0127A-16-80-isp/3256A
ICC can be estimated for the ispLSI 3256A using the following equation:
ICC = 40 + (# of PTs * 0.31) + (# of nets * Max. freq * 0.0094) where:
# of PTs = Number of Product Terms used in design
# of nets = Number of Signals used in device
Max. freq = Highest Clock Frequency to the device
The ICC estimate is based on typical conditions (VCC = 5.0V, room temperature) and an assumption of two
GLB loads on average exists. These values are for estimates only. Since the value of ICC is sensitive to
operating conditions and the program in the device, the actual ICC should be verified.
Notes: Configuration of 16 16-bit Counters
Typical Current at 5V, 25
° C
200
300
400
0
1020
3040
50
60
70
fmax (MHz)
ispLSI 3256A
80
90
100


Similar Part No. - ISPLSI3256A-50LMI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI3256-50LG LATTICE-ISPLSI3256-50LG Datasheet
1Mb / 18P
   High Density Programmable Logic
ISPLSI3256-50LM LATTICE-ISPLSI3256-50LM Datasheet
1Mb / 18P
   High Density Programmable Logic
ISPLSI3256-70LG LATTICE-ISPLSI3256-70LG Datasheet
1Mb / 18P
   High Density Programmable Logic
ISPLSI3256-70LM LATTICE-ISPLSI3256-70LM Datasheet
1Mb / 18P
   High Density Programmable Logic
ISPLSI3256E LATTICE-ISPLSI3256E Datasheet
251Kb / 15P
   In-System Programmable High Density PLD
More results

Similar Description - ISPLSI3256A-50LMI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
1048C LATTICE-1048C Datasheet
185Kb / 12P
   In-System Programmable High Density PLD
1048EA LATTICE-1048EA Datasheet
182Kb / 14P
   In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E_06 Datasheet
269Kb / 13P
   In-System Programmable High Density PLD
1024 LATTICE-1024 Datasheet
147Kb / 12P
   In-System Programmable High Density PLD
1024EA LATTICE-1024EA Datasheet
162Kb / 13P
   In-System Programmable High Density PLD
1032 LATTICE-1032 Datasheet
151Kb / 12P
   In-System Programmable High Density PLD
1032EA LATTICE-1032EA Datasheet
198Kb / 16P
   In-System Programmable High Density PLD
ISPLSI1048E LATTICE-ISPLSI1048E_06 Datasheet
287Kb / 17P
   In-System Programmable High Density PLD
ISPLSI3256E LATTICE-ISPLSI3256E Datasheet
251Kb / 15P
   In-System Programmable High Density PLD
ISPLSI1016EA LATTICE-ISPLSI1016EA_07 Datasheet
207Kb / 13P
   In-System Programmable High Density PLD
ISPLSI3448 LATTICE-ISPLSI3448 Datasheet
173Kb / 14P
   In-System Programmable High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com