Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPGDX240VA-4B388 Datasheet(PDF) 9 Page - Lattice Semiconductor

Part # ISPGDX240VA-4B388
Description  In-System Programmable 3.3V Generic Digital CrosspointTM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPGDX240VA-4B388 Datasheet(HTML) 9 Page - Lattice Semiconductor

Back Button ISPGDX240VA-4B388 Datasheet HTML 5Page - Lattice Semiconductor ISPGDX240VA-4B388 Datasheet HTML 6Page - Lattice Semiconductor ISPGDX240VA-4B388 Datasheet HTML 7Page - Lattice Semiconductor ISPGDX240VA-4B388 Datasheet HTML 8Page - Lattice Semiconductor ISPGDX240VA-4B388 Datasheet HTML 9Page - Lattice Semiconductor ISPGDX240VA-4B388 Datasheet HTML 10Page - Lattice Semiconductor ISPGDX240VA-4B388 Datasheet HTML 11Page - Lattice Semiconductor ISPGDX240VA-4B388 Datasheet HTML 12Page - Lattice Semiconductor ISPGDX240VA-4B388 Datasheet HTML 13Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9
Specifications ispGDX240VA
Switching Test Conditions
Input Pulse Levels
Input Rise and Fall Time
Input Timing Reference Levels
Output Timing Reference Levels
Output Load
GND to VCCIO(MIN)
< 1.5ns 10% to 90%
VCCIO(MIN)/2
VCCIO(MIN)/2
See Figure 8
3-state levels are measured 0.5V from steady-state active level.
Output Load Conditions (See Figure 8)
TEST CONDITION
R1
3.3V
2.5V
R2
CL
A
35pF
D
35pF
B
35pF
35pF
Active High
Slow Slew
Active Low
C
5pF
5pF
156
156
156
144
144
144
R1
R2
153
153
153
134
134
134
Active Low to Z
at V +0.5V
OL
Active High to Z
at V
-0.5V
OH
Table 2-0004A/gdxva
DC Electrical Characteristics for 3.3V Range
Over Recommended Operating Conditions
Figure 8. Test Load
VCCIO
R1
R2
CL*
Device
Output
Test
Point
*CL includes Test Fixture and Probe Capacitance.
0213D
VOL
SYMBOL
1. Typical values are at VCC = 3.3V and TA = 25°C.
Table 2-0007/gdxva
VOH
VIH
VIL
PARAMETER
Output Low Voltage
Output High Voltage
Input High Voltage
Input Low Voltage
VCC = VCC (MIN)
IOL = +100µA
IOL = +24mA
IOH = -100µA
IOH = -12mA
VCC = VCC (MIN)
VOH ≤ VOUT or VOUT ≤ VOL(MAX)
VOH ≤ VOUT or VOUT ≤ VOL (MAX)
CONDITION
MIN.
TYP.
MAX.
UNITS
1
2.8
2.0
-0.3
0.2
5.25
0.8
V
––
0.55
V
V
2.4
––
V
VCCIO
I/O Reference Voltage
3.0
3.6
V
V
V


Similar Part No. - ISPGDX240VA-4B388

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPGDX2 LATTICE-ISPGDX2 Datasheet
546Kb / 72P
   High Performance Interfacing and Switching
ISPGDX2 LATTICE-ISPGDX2 Datasheet
654Kb / 75P
   IC SWITCH DIGITAL 208FBGA
June 2010
ISPGDX2-128/E LATTICE-ISPGDX2-128/E Datasheet
546Kb / 72P
   High Performance Interfacing and Switching
ISPGDX2-256/E LATTICE-ISPGDX2-256/E Datasheet
546Kb / 72P
   High Performance Interfacing and Switching
ISPGDX2-64/E LATTICE-ISPGDX2-64/E Datasheet
546Kb / 72P
   High Performance Interfacing and Switching
More results

Similar Description - ISPGDX240VA-4B388

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
80VA LATTICE-80VA Datasheet
346Kb / 27P
   In-System Programmable 3.3V Generic Digital CrosspointTM
160V LATTICE-160V Datasheet
464Kb / 37P
   In-System Programmable 3.3V Generic Digital CrosspointTM
ISPGDXTMFAMILY LATTICE-ISPGDXTMFAMILY Datasheet
326Kb / 25P
   In-System Programmable Generic Digital CrosspointTM
ISPGDX LATTICE-ISPGDX Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
ISPGDS22 LATTICE-ISPGDS22 Datasheet
104Kb / 8P
   in-system programmable Generic Digital SwitchTM
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
2192VE LATTICE-2192VE Datasheet
144Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
5384VA LATTICE-5384VA Datasheet
350Kb / 28P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
ISPLSI2128VE LATTICE-ISPLSI2128VE_04 Datasheet
200Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com