Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR2045CTFP-JT Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SBR2045CTFP-JT
Description  20A SBR짰 SUPER BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR2045CTFP-JT Datasheet(HTML) 1 Page - Diodes Incorporated

  SBR2045CTFP-JT Datasheet HTML 1Page - Diodes Incorporated SBR2045CTFP-JT Datasheet HTML 2Page - Diodes Incorporated SBR2045CTFP-JT Datasheet HTML 3Page - Diodes Incorporated SBR2045CTFP-JT Datasheet HTML 4Page - Diodes Incorporated SBR2045CTFP-JT Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SBR is a registered trademark of Diodes Incorporated.
SBR2045
Document number: DS30958 Rev. 8 - 2
1 of 5
www.diodes.com
May 2012
© Diodes Incorporated
SBR2045CT
SBR2045CTFP
20A SBR
®
SUPER BARRIER RECTIFIER
Features
Low Forward Voltage Drop
Excellent High Temperature Stability
Patented Super Barrier Rectifier Technology
Soft, Fast Switching Capability
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Also Available in Green Molding Compound
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: TO-220AB, ITO-220AB
Case Material: Molded Plastic, UL Flammability Classification
Rating 94V-0
Terminals: Matte Tin Finish annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
Weight: TO-220AB – 1.85 grams (approximate)
ITO-220AB – 1.65 grams (approximate)
Ordering Information (Notes 4 and 5)
Part Number
Case
Packaging
Pb
SBR2045CT
TO-220AB
50 pieces/tube
Green
SBR2045CT-G
TO-220AB
50 pieces/tube
Pb
SBR2045CTFP
ITO-220AB
50 pieces/tube
Green
SBR2045CTFP-G
ITO-220AB
50 pieces/tube
Pb
SBR2045CTFP-JT
ITO-220AB (Alternate)
50 pieces/tube
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
 
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For Green Molding Compound version part numbers, add "-G" suffix to part number above. Examples: SBR2045CT-G.
5. For packaging details, go to our website at http://www.diodes.com.
Marking Information
SBR2045CTFP = Product Type Marking Code
AB = Foundry and Assembly Code
YYWW = Date Code Marking
YY = Last two digits of year (ex: 06 = 2006)
WW = Week (01 - 53)
SBR2045CT = Product Type Marking Code
AB = Foundry and Assembly Code
YYWW = Date Code Marking
YY = Last two digits of year (ex: 06 = 2006)
WW = Week (01 - 53)
YYWW
AB
SBR2045CTFP
SBR2045CT
YYWW
AB
Package Pin-Out
Configuration
TO-220AB
Top View
ITO-220AB
Top View
TO-220AB
Bottom View
ITO-220AB
Bottom View


Similar Part No. - SBR2045CTFP-JT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR2045CTFP-JT DIODES-SBR2045CTFP-JT Datasheet
538Kb / 6P
   20A SBR SUPER BARRIER RECTIFIER
More results

Similar Description - SBR2045CTFP-JT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR20U60 DIODES-SBR20U60_15 Datasheet
160Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20100CTP DIODES-SBR20100CTP_15 Datasheet
91Kb / 4P
   20A SBR짰 SUPER BARRIER RECTIFIER
SBR20A100 DIODES-SBR20A100_15 Datasheet
134Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20A120 DIODES-SBR20A120_15 Datasheet
449Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20A60CTBQ DIODES-SBR20A60CTBQ_15 Datasheet
199Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20150CT DIODES-SBR20150CT_15 Datasheet
202Kb / 5P
   20A SBR짰 SUPER BARRIER RECTIFIER
SBR20A40CT DIODES-SBR20A40CT_08 Datasheet
165Kb / 3P
   20A SBR짰 SUPER BARRIER RECTIFIER
DS30963 Rev. 3 - 2
SBR2045CT DIODES-SBR2045CT_08 Datasheet
173Kb / 3P
   20A SBR짰 SUPER BARRIER RECTIFIER
DS30958 Rev. 5 - 2
SBR20A300CT DIODES-SBR20A300CT_08 Datasheet
169Kb / 3P
   20A SBR짰 SUPER BARRIER RECTIFIER
DS30993 Rev. 4 - 2
SBR2040 DIODES-SBR2040_15 Datasheet
156Kb / 5P
   20A SBR짰 SUPER BARRIER RECTIFIER
SBR20A100CTB DIODES-SBR20A100CTB_15 Datasheet
314Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com