Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR1045SP5Q-13D(Note4) Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SBR1045SP5Q-13D(Note4)
Description  10A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR1045SP5Q-13D(Note4) Datasheet(HTML) 3 Page - Diodes Incorporated

  SBR1045SP5Q-13D(Note4) Datasheet HTML 1Page - Diodes Incorporated SBR1045SP5Q-13D(Note4) Datasheet HTML 2Page - Diodes Incorporated SBR1045SP5Q-13D(Note4) Datasheet HTML 3Page - Diodes Incorporated SBR1045SP5Q-13D(Note4) Datasheet HTML 4Page - Diodes Incorporated SBR1045SP5Q-13D(Note4) Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SBR and POWERDI are registered trademarks of Diodes Incorporated.
SBR1045SP5
Document number: DS31370 Rev. 10 - 2
3 of 5
www.diodes.com
September 2014
© Diodes Incorporated
SBR1045SP5
Fig. 1 Forward Power Dissipation
I
, AVERAGE FORWARD CURRENT (A)
F(AV)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
2
4
6
Fig. 2 Typical Forward Characteristics
0.0001
0.001
0.01
0.1
1
10
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
0
200
400
600
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
100
300
500
Fig. 3 Typical Reverse Characteristics
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
0.1
1
10
100
1,000
10,000
100,000
0
5
10
15
20
25
30
35
40
45
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
Fig. 4 Total Capacitance vs. Reverse Voltage
0.1
1
10
100
V , DC REVERSE VOLTAGE (V)
R
100
1,000
10,000
f = 1MHz
Fig. 5 Forward Current Derating Curve
0
2
4
6
8
10
12
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
A
Note 4
175
Note 5
Based on Lead Temp (T )
L
Fig. 6 Pulse Derating Curve
0
20
40
60
80
100
120
0
50
75
100
125
150
T , JUNCTION TEMPERATURE (°C)
J
175
25


Similar Part No. - SBR1045SP5Q-13D(Note4)

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR1045SP5 DIODES-SBR1045SP5 Datasheet
80Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER PowerDI짰5
DS31370 Rev. 3 - 2
SBR1045SP5-13 DIODES-SBR1045SP5-13 Datasheet
80Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER PowerDI짰5
DS31370 Rev. 3 - 2
More results

Similar Description - SBR1045SP5Q-13D(Note4)

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR10A45SP5 DIODES-SBR10A45SP5_15 Datasheet
116Kb / 5P
   10A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR10U45SP5 DIODES-SBR10U45SP5_15 Datasheet
360Kb / 6P
   10A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR10U200P5 DIODES-SBR10U200P5_15 Datasheet
461Kb / 6P
   10A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR12U100P5 DIODES-SBR12U100P5_15 Datasheet
492Kb / 5P
   12A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR12U120P5 DIODES-SBR12U120P5_15 Datasheet
481Kb / 5P
   12.0A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR12A45SP5 DIODES-SBR12A45SP5_15 Datasheet
561Kb / 5P
   12A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR15U30SP5 DIODES-SBR15U30SP5_15 Datasheet
546Kb / 5P
   15A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR3U40P1 DIODES-SBR3U40P1_15 Datasheet
445Kb / 5P
   SUPER BARRIER RECTIFIER 3.0A SBR짰 POWERDI짰
SBR20U50SLP DIODES-SBR20U50SLP_15 Datasheet
435Kb / 5P
   SUPER BARRIER RECTIFIER POWERDI짰 20A SBR짰
SBR10U100CT DIODES-SBR10U100CT_08 Datasheet
168Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
DS30953 Rev. 5 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com