Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR1045SP5Q-13 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # SBR1045SP5Q-13
Description  10A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR1045SP5Q-13 Datasheet(HTML) 5 Page - Diodes Incorporated

  SBR1045SP5Q-13 Datasheet HTML 1Page - Diodes Incorporated SBR1045SP5Q-13 Datasheet HTML 2Page - Diodes Incorporated SBR1045SP5Q-13 Datasheet HTML 3Page - Diodes Incorporated SBR1045SP5Q-13 Datasheet HTML 4Page - Diodes Incorporated SBR1045SP5Q-13 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SBR and POWERDI are registered trademarks of Diodes Incorporated.
SBR1045SP5
Document number: DS31370 Rev. 10 - 2
5 of 5
www.diodes.com
September 2014
© Diodes Incorporated
SBR1045SP5
IMPORTANT NOTICE
DIODES INCORPORATED MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARDS TO THIS DOCUMENT,
INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE
(AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION).
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to this document and any product described herein. Diodes Incorporated does not assume any liability arising out of the
application or use of this document or any product described herein; neither does Diodes Incorporated convey any license under its patent or
trademark rights, nor the rights of others. Any Customer or user of this document or products described herein in such applications shall assume
all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on Diodes Incorporated
website, harmless against all damages.
Diodes Incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthorized sales channel.
Should Customers purchase or use Diodes Incorporated products for any unintended or unauthorized application, Customers shall indemnify and
hold Diodes Incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising out of, directly or
indirectly, any claim of personal injury or death associated with such unintended or unauthorized application.
Products described herein may be covered by one or more United States, international or foreign patents pending. Product names and markings
noted herein may also be covered by one or more United States, international or foreign trademarks.
This document is written in English but may be translated into multiple languages for reference. Only the English version of this document is the
final and determinative format released by Diodes Incorporated.
LIFE SUPPORT
Diodes Incorporated products are specifically not authorized for use as critical components in life support devices or systems without the express
written approval of the Chief Executive Officer of Diodes Incorporated. As used herein:
A. Life support devices or systems are devices or systems which:
1. are intended to implant into the body, or
2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided in the
labeling can be reasonably expected to result in significant injury to the user.
B. A critical component is any component in a life support device or system whose failure to perform can be reasonably expected to cause the
failure of the life support device or to affect its safety or effectiveness.
Customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support devices or systems, and
acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning their products and any
use of Diodes Incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or systems-related
information or support that may be provided by Diodes Incorporated.
Further, Customers must fully indemnify Diodes Incorporated and its
representatives against any damages arising out of the use of Diodes Incorporated products in such safety-critical, life support devices or systems.
Copyright © 2014, Diodes Incorporated
www.diodes.com


Similar Part No. - SBR1045SP5Q-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR1045SP5 DIODES-SBR1045SP5 Datasheet
80Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER PowerDI짰5
DS31370 Rev. 3 - 2
SBR1045SP5-13 DIODES-SBR1045SP5-13 Datasheet
80Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER PowerDI짰5
DS31370 Rev. 3 - 2
More results

Similar Description - SBR1045SP5Q-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR10A45SP5 DIODES-SBR10A45SP5_15 Datasheet
116Kb / 5P
   10A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR10U45SP5 DIODES-SBR10U45SP5_15 Datasheet
360Kb / 6P
   10A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR10U200P5 DIODES-SBR10U200P5_15 Datasheet
461Kb / 6P
   10A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR12U100P5 DIODES-SBR12U100P5_15 Datasheet
492Kb / 5P
   12A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR12U120P5 DIODES-SBR12U120P5_15 Datasheet
481Kb / 5P
   12.0A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR12A45SP5 DIODES-SBR12A45SP5_15 Datasheet
561Kb / 5P
   12A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR15U30SP5 DIODES-SBR15U30SP5_15 Datasheet
546Kb / 5P
   15A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR3U40P1 DIODES-SBR3U40P1_15 Datasheet
445Kb / 5P
   SUPER BARRIER RECTIFIER 3.0A SBR짰 POWERDI짰
SBR20U50SLP DIODES-SBR20U50SLP_15 Datasheet
435Kb / 5P
   SUPER BARRIER RECTIFIER POWERDI짰 20A SBR짰
SBR10U100CT DIODES-SBR10U100CT_08 Datasheet
168Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
DS30953 Rev. 5 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com