Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR1045SP5-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SBR1045SP5-7
Description  10A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR1045SP5-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  SBR1045SP5-7 Datasheet HTML 1Page - Diodes Incorporated SBR1045SP5-7 Datasheet HTML 2Page - Diodes Incorporated SBR1045SP5-7 Datasheet HTML 3Page - Diodes Incorporated SBR1045SP5-7 Datasheet HTML 4Page - Diodes Incorporated SBR1045SP5-7 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SBR and POWERDI are registered trademarks of Diodes Incorporated.
SBR1045SP5
Document number: DS31370 Rev. 10 - 2
2 of 5
www.diodes.com
September 2014
© Diodes Incorporated
SBR1045SP5
Marking Information
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
45
V
RMS Reverse Voltage
VR(RMS)
32
V
Average Rectified Output Current
IO
10
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
180
A
Repetitive Peak Avalanche Power (1µs, +25°C)
PARM
10,000
W
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance
Thermal Resistance Junction to Lead
Thermal Resistance Junction to Case (Note 5)
Thermal Resistance Junction to Ambient (Note 5)
Thermal Resistance Junction to Ambient (Note 6)
RJL
RJC
RJA
RJA
3
6
102
60
°C/W
Operating Temperature Range
VR ≤ 80% VRRM
TJ
-65 to +150
°C
VR ≤ 50% VRRM
≤180
DC Forward Mode
≤200
Storage Temperature Range
TSTG
-65 to +175
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 7)
V(BR)R
45
-
-
V
IR = 0.5mA
Forward Voltage Drop
VF
-
-
-
-
0.49
0.47
0.51
0.55
0.53
V
IF = 8A, TJ = +25°C
IF = 10A, TJ = +25°C
IF = 10A, TJ = +125°C
Leakage Current (Note 7)
IR
-
-
-
0.03
-
17
0.45
18
100
mA
VR = 45V, TJ = +25°C
VR = 45V, TJ = +100°C
VR = 45V, TJ = +150°C
Typical Junction Capacitance
CJ
-
500
-
pF
f = MHz, IR = 4V
Notes:
5. FR-4 PCB, 2oz. Copper, minimum recommended pad layout per http://www.diodes.com.
6. Polymide PCB, 2oz. Copper, minimum recommended pad layout per http://www.diodes.com.
7. Short duration pulse test used to minimize self-heating effect.
S1045S = Product Type Marking Code
= Manufacturers’ Code Marking
K = Factory Designator
YYWW = Date Code Marking
YY = Last Two Digits of Year (ex: 14 for 2014)
WW = Week code (01 - 53)
Y Y W W K
S 1 0 4 5 S


Similar Part No. - SBR1045SP5-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR1045SP5-13 DIODES-SBR1045SP5-13 Datasheet
80Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER PowerDI짰5
DS31370 Rev. 3 - 2
More results

Similar Description - SBR1045SP5-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR10A45SP5 DIODES-SBR10A45SP5_15 Datasheet
116Kb / 5P
   10A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR10U45SP5 DIODES-SBR10U45SP5_15 Datasheet
360Kb / 6P
   10A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR10U200P5 DIODES-SBR10U200P5_15 Datasheet
461Kb / 6P
   10A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR12U100P5 DIODES-SBR12U100P5_15 Datasheet
492Kb / 5P
   12A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR12U120P5 DIODES-SBR12U120P5_15 Datasheet
481Kb / 5P
   12.0A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR12A45SP5 DIODES-SBR12A45SP5_15 Datasheet
561Kb / 5P
   12A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR15U30SP5 DIODES-SBR15U30SP5_15 Datasheet
546Kb / 5P
   15A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR3U40P1 DIODES-SBR3U40P1_15 Datasheet
445Kb / 5P
   SUPER BARRIER RECTIFIER 3.0A SBR짰 POWERDI짰
SBR20U50SLP DIODES-SBR20U50SLP_15 Datasheet
435Kb / 5P
   SUPER BARRIER RECTIFIER POWERDI짰 20A SBR짰
SBR10U100CT DIODES-SBR10U100CT_08 Datasheet
168Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
DS30953 Rev. 5 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com