Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR1040CTB-G Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SBR1040CTB-G
Description  10A SBR짰 SUPER BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR1040CTB-G Datasheet(HTML) 3 Page - Diodes Incorporated

  SBR1040CTB-G Datasheet HTML 1Page - Diodes Incorporated SBR1040CTB-G Datasheet HTML 2Page - Diodes Incorporated SBR1040CTB-G Datasheet HTML 3Page - Diodes Incorporated SBR1040CTB-G Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SBR1040CTB
Document number: DS31552 Rev. 5 - 2
3 of 4
www.diodes.com
July 2011
© Diodes Incorporated
SBR1040CTB
SBR is a registered trademark of Diodes Incorporated.
0
5
025
50
75
100
125
150
10
T , AMBIENT TEMPERATURE ( C)
Fig. 3 Forward Current Derating Curve
A
°
R
= R
Per Element
θθ
JA
JC
R
= R
Total Device
θθ
JA
JC
R
= 30°C/W
Per Element
JA
θ
Note 3
Package Outline Dimensions
Suggested Pad Layout
D
2PAK
Dim
Min
Max
A
4.07
4.82
b
0.51
0.99
b1
1.15
1.77
c
0.356
0.58
c1
1.143
1.65
D
8.39
9.65
D1
6.55
E
9.66
10.66
E1
6.23
e
2.54 Typ
H
14.61
15.87
L
1.78
2.79
L1
1.67
L2
1.77
a
All Dimensions in mm
Dimensions
Value (in mm)
Z
16.9
X1
1.1
X2
10.8
Y1
3.5
Y2
7.01
E1
2.5
E
b1
c
H
D
L1
b
L2
Lc1
A
e
a
12
K
E1
D1
X2
Z
X1
Y1
E1
Y2


Similar Part No. - SBR1040CTB-G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR1040CTB-G DIODES-SBR1040CTB-G Datasheet
86Kb / 4P
   10A SBR짰 SUPER BARRIER RECTIFIER
More results

Similar Description - SBR1040CTB-G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR10U100CT DIODES-SBR10U100CT_08 Datasheet
168Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
DS30953 Rev. 5 - 2
SBR10U300CT DIODES-SBR10U300CT_08 Datasheet
174Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
DS30991 Rev. 5 - 2
SBR1040CTB DIODES-SBR1040CTB Datasheet
86Kb / 4P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR1040 DIODES-SBR1040_15 Datasheet
168Kb / 5P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR10120CTL DIODES-SBR10120CTL_15 Datasheet
80Kb / 4P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR10200 DIODES-SBR10200_15 Datasheet
186Kb / 5P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR10200CTL DIODES-SBR10200CTL_15 Datasheet
93Kb / 4P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR10U45SD1 DIODES-SBR10U45SD1_15 Datasheet
76Kb / 4P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR10U45D1Q DIODES-SBR10U45D1Q_15 Datasheet
170Kb / 5P
   SUPER BARRIER RECTIFIER 10A SBR짰
SBR10150 DIODES-SBR10150_15 Datasheet
171Kb / 5P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR10150CTL DIODES-SBR10150CTL_15 Datasheet
96Kb / 4P
   10A SBR짰 SUPER BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com