Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI2128VL-150LT100 Datasheet(PDF) 9 Page - Lattice Semiconductor

Part # ISPLSI2128VL-150LT100
Description  2.5V In-System Programmable SuperFAST??High Density PLD
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2128VL-150LT100 Datasheet(HTML) 9 Page - Lattice Semiconductor

Back Button ISPLSI2128VL-150LT100 Datasheet HTML 5Page - Lattice Semiconductor ISPLSI2128VL-150LT100 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2128VL-150LT100 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2128VL-150LT100 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2128VL-150LT100 Datasheet HTML 9Page - Lattice Semiconductor ISPLSI2128VL-150LT100 Datasheet HTML 10Page - Lattice Semiconductor ISPLSI2128VL-150LT100 Datasheet HTML 11Page - Lattice Semiconductor ISPLSI2128VL-150LT100 Datasheet HTML 12Page - Lattice Semiconductor ISPLSI2128VL-150LT100 Datasheet HTML 13Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Specifications ispLSI 2128VL
9
Signal Descriptions
RESET
Active Low (0) Reset pin resets all the registers in the device.
GOE 0, GOE1
Global Output Enable input pins.
Y0, Y1, Y2
Dedicated Clock Input – These clock inputs are connected to one of the clock inputs of all the GLBs in
the device.
BSCAN
Input – Dedicated in-system programming Boundary Scan enable input pin. This pin is brought low to
enable the programming mode. The TMS, TDI, TDO and TCK controls become active.
TDI/IN 0
Input – This pin performs two functions. When
BSCAN is logic low, it functions as a serial data input pin
to load programming data into the device. When
BSCAN is high, it functions as a dedicated input pin.
TCK/IN 3
Input – This pin performs two functions. When
BSCAN is logic low, it functions as a clock pin for the
Boundary Scan state machine. When
BSCAN is high, it functions as a dedicated input pin.
TMS/IN 1
Input – This pin performs two functions. When
BSCAN is logic low, it functions as a mode control pin for
the Boundary Scan state machine. When
BSCAN is high, it functions as a dedicated input pin.
TDO/IN 2
Output/Input – This pin performs two functions. When
BSCAN is logic low, it functions as an output pin
to read serial shift register data. When
BSCAN is high, it functions as a dedicated input pin.
IN 4 - IN 7
Dedicated Input Pins to the device.
GND
Ground (GND)
VCC
Vcc
NC1
No Connect
I/O
Input/Output Pins – These are the general purpose I/O pins used by the logic array.
Signal Name
Description
1. NC pins are not to be connected to any active signals, VCC or GND.


Similar Part No. - ISPLSI2128VL-150LT100

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2128V LATTICE-ISPLSI2128V Datasheet
151Kb / 15P
   3.3V High Density Programmable Logic
ISPLSI2128V-60LJ84 LATTICE-ISPLSI2128V-60LJ84 Datasheet
151Kb / 15P
   3.3V High Density Programmable Logic
ISPLSI2128V-60LJ84I LATTICE-ISPLSI2128V-60LJ84I Datasheet
151Kb / 15P
   3.3V High Density Programmable Logic
ISPLSI2128V-60LQ160 LATTICE-ISPLSI2128V-60LQ160 Datasheet
151Kb / 15P
   3.3V High Density Programmable Logic
ISPLSI2128V-60LQ160I LATTICE-ISPLSI2128V-60LQ160I Datasheet
151Kb / 15P
   3.3V High Density Programmable Logic
More results

Similar Description - ISPLSI2128VL-150LT100

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064E LATTICE-2064E Datasheet
144Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2128E LATTICE-2128E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
ISPLSI2032E LATTICE-ISPLSI2032E Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
2096E LATTICE-2096E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2096E LATTICE-2096E_1 Datasheet
124Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com