Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR140S1F Datasheet(PDF) 4 Page - Diodes Incorporated

Part # SBR140S1F
Description  1A SBR짰 SUPER BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR140S1F Datasheet(HTML) 4 Page - Diodes Incorporated

  SBR140S1F_15 Datasheet HTML 1Page - Diodes Incorporated SBR140S1F_15 Datasheet HTML 2Page - Diodes Incorporated SBR140S1F_15 Datasheet HTML 3Page - Diodes Incorporated SBR140S1F_15 Datasheet HTML 4Page - Diodes Incorporated SBR140S1F_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SBR is a registered trademark of Diodes Incorporated.
SBR140S1F
Document number: DS36043 Rev. 3 - 2
4 of 5
www.diodes.com
March 2013
© Diodes Incorporated
SBR140S1F
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for latest version.
SOD123F
Dim Min Max Typ
A
0.81 1.15
-
b
0.80 1.35
-
c
0.05 0.30
-
D
1.70 1.90 1.80
E
2.60 2.80 2.70
He
3.30 3.70 3.50
L2
0.35 0.85
-
All Dimensions in mm
Dimensions Value (in mm)
C
2.86
G
1.52
X
1.34
X1
4.20
Y
1.80
X
Y
G
X1
C
He
E
L2
D
b
A
c


Similar Part No. - SBR140S1F_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR140S1F DIODES-SBR140S1F_16 Datasheet
311Kb / 5P
   1A SBR SUPER BARRIER RECTIFIER
More results

Similar Description - SBR140S1F_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR1A40S3 DIODES-SBR1A40S3_15 Datasheet
101Kb / 4P
   1A SBR짰 SUPER BARRIER RECTIFIER
SBR160S23-7 DIODES-SBR160S23-7 Datasheet
91Kb / 4P
   1A SBR짰 SUPER BARRIER RECTIFIER
SBR160S23 DIODES-SBR160S23_15 Datasheet
147Kb / 4P
   1A SBR짰 SUPER BARRIER RECTIFIER
SBR130S3 DIODES-SBR130S3_15 Datasheet
134Kb / 4P
   1A SBR짰 SUPER BARRIER RECTIFIER
SBR1A40S1 DIODES-SBR1A40S1_15 Datasheet
84Kb / 5P
   1A SBR짰 SUPER BARRIER RECTIFIER
SBR1U30CSP DIODES-SBR1U30CSP_15 Datasheet
266Kb / 4P
   1A SBR짰 SUPER BARRIER RECTIFIER
SBR1U40LP DIODES-SBR1U40LP Datasheet
110Kb / 3P
   1.0A SBR짰 SUPER BARRIER RECTIFIER
DS31108 Rev. 4 - 2
SBR10U100CT DIODES-SBR10U100CT_08 Datasheet
168Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
DS30953 Rev. 5 - 2
SBR12A45SD1 DIODES-SBR12A45SD1 Datasheet
94Kb / 3P
   12A SBR짰 SUPER BARRIER RECTIFIER
DS31452 Rev. 2 - 2
SBR10U300CT DIODES-SBR10U300CT_08 Datasheet
174Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
DS30991 Rev. 5 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com