Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR140LP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SBR140LP
Description  1.0A SBR짰 SUPER BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR140LP Datasheet(HTML) 1 Page - Diodes Incorporated

  SBR140LP_15 Datasheet HTML 1Page - Diodes Incorporated SBR140LP_15 Datasheet HTML 2Page - Diodes Incorporated SBR140LP_15 Datasheet HTML 3Page - Diodes Incorporated SBR140LP_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SBR140LP
Document number: DS31404 Rev. 5 - 2
1 of 4
www.diodes.com
April 2015
© Diodes Incorporated
SBR140LP
SBR is a registered trademark of Diodes Incorporated.
1.0A SBR
®
SUPER BARRIER RECTIFIER
Features
Ultra Low Forward Voltage Drop
Excellent High Temperature Stability
Patented Super Barrier Rectifier Technology
Soft, Fast Switching Capability
+150°C Operating Junction Temperature
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: X1-DFN1411-3
Case Material:
Molded Plastic, “Green” Molding Compound;
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: See Diagram
Terminals: Finish - Matte Tin Annealed over Copper Leadframe;
Solderable per MIL-STD-202, Method 208
Weight: 2.35 grams (Approximate)
X1-DFN1411-3
Ordering Information (Note 4)
Part Number
Case
Packaging
SBR140LP-7
X1-DFN1411-3
3,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
X1-DFN1411-3
Date Code Key
Year
2008
2009
2010
2011
2012
2013
2014
2015
2016
2017
2018
Code
V
W
X
Y
Z
A
B
C
D
E
F
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
Bottom
View
Top View
Internal Schematic
1
2
3
D4, D4= Product Type Marking Code
YM = Date Code Marking
Y = Year ex: C = 2015
M = Month (ex: 9 = September)
D4


Similar Part No. - SBR140LP_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR140LP-7 DIODES-SBR140LP-7 Datasheet
264Kb / 4P
   1.0A SBR® SUPER BARRIER RECTIFIER
April 2015
More results

Similar Description - SBR140LP_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR1U40LP DIODES-SBR1U40LP Datasheet
110Kb / 3P
   1.0A SBR짰 SUPER BARRIER RECTIFIER
DS31108 Rev. 4 - 2
SBR130SV DIODES-SBR130SV_15 Datasheet
195Kb / 4P
   1.0A SBR짰 SUPER BARRIER RECTIFIER
SBR1U40LP DIODES-SBR1U40LP_15 Datasheet
84Kb / 5P
   1.0A SBR짰 SUPER BARRIER RECTIFIER
SBR1U40LP DIODES-SBR1U40LP_1 Datasheet
108Kb / 3P
   1.0A SBR짰 SUPER BARRIER RECTIFIER
DS31108 Rev. 7 - 2
SBR1U150SA DIODES-SBR1U150SA_15 Datasheet
107Kb / 5P
   1.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR1U400P1 DIODES-SBR1U400P1_15 Datasheet
206Kb / 4P
   1.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER POWERDI짰123
SBR1U200P1 DIODES-SBR1U200P1_15 Datasheet
76Kb / 4P
   1.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER PowerDI짰123
SBR10U100CT DIODES-SBR10U100CT_08 Datasheet
168Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
DS30953 Rev. 5 - 2
SBR12A45SD1 DIODES-SBR12A45SD1 Datasheet
94Kb / 3P
   12A SBR짰 SUPER BARRIER RECTIFIER
DS31452 Rev. 2 - 2
SBR10U300CT DIODES-SBR10U300CT_08 Datasheet
174Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
DS30991 Rev. 5 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com