Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISPLSI2032VE-180LT48 Datasheet(PDF) 6 Page - Lattice Semiconductor

Part No. ISPLSI2032VE-180LT48
Description  3.3V In-System Programmable High Density SuperFAST??PLD
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2032VE-180LT48 Datasheet(HTML) 6 Page - Lattice Semiconductor

Back Button ISPLSI2032VE-180LT48 Datasheet HTML 2Page - Lattice Semiconductor ISPLSI2032VE-180LT48 Datasheet HTML 3Page - Lattice Semiconductor ISPLSI2032VE-180LT48 Datasheet HTML 4Page - Lattice Semiconductor ISPLSI2032VE-180LT48 Datasheet HTML 5Page - Lattice Semiconductor ISPLSI2032VE-180LT48 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2032VE-180LT48 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2032VE-180LT48 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2032VE-180LT48 Datasheet HTML 9Page - Lattice Semiconductor ISPLSI2032VE-180LT48 Datasheet HTML 10Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Specifications ispLSI 2032VE
6
External Timing Parameters
Over Recommended Operating Conditions
tpd1
UNITS
-135
MIN.
TEST
COND.
1. Unless noted otherwise, all parameters use a GRP load of 4, 20 PTXOR path, ORP and Y0 clock.
2. Standard 16-bit counter using GRP feedback.
3. Reference Switching Test Conditions section.
Table 2-0030B/2032VL
1
3
2
1
tsu2 + tco1
(
)
-110
MIN.
MAX.
MAX.
DESCRIPTION
#
PARAMETER
A
1
Data Propagation Delay, 4PT Bypass, ORP Bypass
7.5
10.0
ns
tpd2
A
2
Data Propagation Delay
––
ns
fmax
A
3
Clock Frequency with Internal Feedback
135
111
MHz
fmax (Ext.)
4
Clock Frequency with External Feedback
––
MHz
fmax (Tog.)
5
Clock Frequency, Max. Toggle
––
MHz
tsu1
6
GLB Reg. Setup Time before Clock, 4 PT Bypass
––
ns
tco1
A
7
GLB Reg. Clock to Output Delay, ORP Bypass
––
ns
th1
8
GLB Reg. Hold Time after Clock, 4 PT Bypass
0.0
ns
tsu2
9
GLB Reg. Setup Time before Clock
5.5
ns
tco2
A
10
GLB Reg. Clock to Output Delay
––
ns
th2
11
GLB Reg. Hold Time after Clock
0.0
ns
tr1
A
12
Ext. Reset Pin to Output Delay, ORP Bypass
––
ns
trw1
13
Ext. Reset Pulse Duration
5.0
ns
tptoeen
B
14
Input to Output Enable
––
ns
tptoedis
C
15
Input to Output Disable
––
ns
tgoeen
B
16
Global OE Output Enable
––
ns
tgoedis
C
17
Global OE Output Disable
––
ns
twh
18
External Synchronous Clock Pulse Duration, High
3.0
––
ns
twl
19
External Synchronous Clock Pulse Duration, Low
3.0
––
ns
100
167
4.0
4.5
5.5
9.0
12.0
12.0
6.0
6.0
10.0
77.0
125
5.5
0.0
7.5
0.0
6.5
4.0
4.0
13.0
5.0
6.5
12.5
14.5
14.5
7.0
7.0


Similar Part No. - ISPLSI2032VE-180LT48

ManufacturerPart No.DatasheetDescription
Lattice Semiconductor
Lattice Semiconductor
ISPLSI2032VE LATTICE-ISPLSI2032VE Datasheet
260Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2032VE110LB49 LATTICE-ISPLSI2032VE110LB49 Datasheet
260Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2032VE110LB49I LATTICE-ISPLSI2032VE110LB49I Datasheet
260Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2032VE110LJ44 LATTICE-ISPLSI2032VE110LJ44 Datasheet
260Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2032VE110LJ44I LATTICE-ISPLSI2032VE110LJ44I Datasheet
260Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
More results

Similar Description - ISPLSI2032VE-180LT48

ManufacturerPart No.DatasheetDescription
Lattice Semiconductor
Lattice Semiconductor
ISPLSI2128VE LATTICE-ISPLSI2128VE_04 Datasheet
200Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
2192VE LATTICE-2192VE Datasheet
144Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2032VE LATTICE-ISPLSI2032VE_06 Datasheet
260Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2192VE LATTICE-ISPLSI2192VE_04 Datasheet
161Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE-100LTN100 LATTICE-ISPLSI2128VE-100LTN100 Datasheet
206Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2032E LATTICE-ISPLSI2032E Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
2064E LATTICE-2064E Datasheet
144Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz