Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2192VE Datasheet(PDF) 5 Page - Lattice Semiconductor

Part No. 2192VE
Description  3.3V In-System Programmable SuperFAST™ High Density PLD
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LATTICE [Lattice Semiconductor]
Homepage  http://www.latticesemi.com
Logo 

2192VE Datasheet(HTML) 5 Page - Lattice Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Specifications ispLSI 2192VE
5
External Timing Parameters
Over Recommended Operating Conditions
tpd1
UNITS
TEST
COND.
1. Unless noted otherwise, all parameters use a GRP load of four, 20 PTXOR path, ORP and Y0 clock.
2. Standard 16-bit counter using GRP feedback.
3. Reference Switching Test Conditions section.
Table 2-0030A/2192VE
1
3
2
1
tsu2 + tco1
(
)
DESCRIPTION
#
PARAMETER
A
1
Data Propagation Delay, 4PT Bypass, ORP Bypass
ns
tpd2
A
2
Data Propagation Delay
ns
fmax
A
3
Clock Frequency with Internal Feedback
MHz
fmax (Ext.)
4
Clock Frequency with External Feedback
MHz
fmax (Tog.)
5
Clock Frequency, Max. Toggle
MHz
tsu1
6
GLB Reg. Setup Time before Clock, 4 PT Bypass
ns
tco1
A
7
GLB Reg. Clock to Output Delay, ORP Bypass
ns
th1
8
GLB Reg. Hold Time after Clock, 4 PT Bypass
ns
tsu2
9
GLB Reg. Setup Time before Clock
ns
tco2
A
10
GLB Reg. Clock to Output Delay
ns
th2
11
GLB Reg. Hold Time after Clock
ns
tr1
A
12
Ext. Reset Pin to Output Delay
ns
trw1
13
Ext. Reset Pulse Duration
ns
tptoeen
B
14
Input to Output Enable
ns
tptoedis
C
15
Input to Output Disable
ns
tgoeen
B
16
Global OE Output Enable
ns
tgoedis
C
17
Global OE Output Disable
ns
twh
18
External Synchronous Clock Pulse Duration, High
ns
twl
19
External Synchronous Clock Pulse Duration, Low
ns
-180
MIN. MAX.
5.0
180
0.0
4.5
0.0
4.0
2.5
2.5
125
200
3.5
3.5
4.5
7.0
10.0
10.0
5.0
5.0
7.5
-225
MIN. MAX.
4.0
225
0.0
3.5
0.0
3.5
2.0
2.0
150
250
2.5
3.2
3.7
6.0
6.0
6.0
4.5
4.5
6.2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn